Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC2G53YZTR Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN74AUC2G53YZTR
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53YZTR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74AUC2G53YZTR Datasheet HTML 6Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 7Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 8Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 9Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 10Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 11Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 12Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 13Page - Texas Instruments SN74AUC2G53YZTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC
VO
GND
Y1
(On)
VCC
VIL
Y2
A
VA
VINH
INH
COM
VIL or VIH
S
1
2
VA
VIL
VIH
S
1
2
50
0.1
µF
fin
RL/CL: 600 Ω/50 pF
RL/CL: 50 Ω/5 pF
RL
CL
VCC/2
VCC
VO1
GND
Y1
VCC
VIL
Y2
VIL or VIH
50
0.1
µF
fin
CL
50 pF
VCC/2
Rin
600
RL
600
VO2
CL
50 pF
VCC/2
RL
600
VA
VIL
VIH
TEST CONDITION
20log10(VO2/VI)
20log10(VO1/VI)
A
VA
VINH
INH
COM
SN74AUC2G53
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES484B – AUGUST 2003 – REVISED JANUARY 2007
Figure 6. Frequency Response (Switch On)
Figure 7. Crosstalk (Between Switches)
10
Submit Documentation Feedback


Numéro de pièce similaire - SN74AUC2G53YZTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G53YZPR TI-SN74AUC2G53YZPR Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53YZPR TI-SN74AUC2G53YZPR Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - SN74AUC2G53YZTR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
[Old version datasheet]   SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com