Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUC2G53DCURG4 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUC2G53DCURG4
Description  SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC2G53DCURG4 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74AUC2G53DCURG4 Datasheet HTML 5Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 6Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 7Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 8Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 9Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 10Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 11Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 12Page - Texas Instruments SN74AUC2G53DCURG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
VLOAD
Open
GND
RL
RL
Data Input
Timing Input
VI
0 V
VI
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VLOAD/2
0 V
VOL + V
VOH − V
≈0 V
VI
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, slew rate ≥ 1 V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VM
VI
VM
VM
0.8 V
1.2 V
± 0.1 V
1.5 V
± 0.1 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2 k
2 k
2 k
2 k
2 k
1 k
500
VCC
RL
2
× VCC
2
× VCC
2
× VCC
2
× VCC
2
× VCC
2
× VCC
2
× VCC
VLOAD
CL
15 pF
15 pF
15 pF
15 pF
15 pF
30 pF
30 pF
0.1 V
0.1 V
0.1 V
0.15 V
0.15 V
0.15 V
0.15 V
V
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VI
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VM
tr/tf
≤2 ns
≤2 ns
≤2 ns
≤2 ns
≤2 ns
≤2 ns
≤2 ns
INPUTS
SN74AUC2G53
SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR
2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCES484B – AUGUST 2003 – REVISED JANUARY 2007
Figure 5. Load Circuit and Voltage Waveforms
9
Submit Documentation Feedback


Numéro de pièce similaire - SN74AUC2G53DCURG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G53DCURG4 TI-SN74AUC2G53DCURG4 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
More results

Description similaire - SN74AUC2G53DCURG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC2G53 TI-SN74AUC2G53_09 Datasheet
592Kb / 20P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53_15 Datasheet
873Kb / 22P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74AUC2G53 TI-SN74AUC2G53 Datasheet
335Kb / 18P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW (SPDT) ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SN74LVC2G53 TI1-SN74LVC2G53_18 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53_15 Datasheet
896Kb / 22P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI1-SN74LVC2G53_14 Datasheet
937Kb / 23P
[Old version datasheet]   SN74LVC2G53 Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
SN74LVC2G53 TI-SN74LVC2G53 Datasheet
412Kb / 18P
[Old version datasheet]   SINGLE POLE DOUBLE THROW ANALOG SWITCH OR 2:1 ANALOG MULTIPLEXR/DEMULTIPLEXER
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com