Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML145503-5P Fiches technique(PDF) 1 Page - LANSDALE Semiconductor Inc.

No de pièce ML145503-5P
Description  PCM Codec-Filter Mono-Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145503-5P Fiches technique(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145503-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145503-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
www.lansdale.com
ML145502
ML145503
ML145505
PCM Codec–Filter Mono–Circuit
Page 1 of 26
Issue A
Legacy Device: Motorola MC145502, MC145503, MC145505
The ML145502, ML145503, and ML145505 are all per channel PCM
Codec–Filter mono–circuits. These devices perform the voice digitization
and reconstruction as well as the band limiting and smoothing required
for PCM systems. The ML145503 is a general purpose device that is
offered in a 16–pin package. These are designed to operate in both syn-
chronous and asynchronous applications and contain an on–chip preci-
sion reference voltage. The ML145505 is a synchronous device offered in
a 16–pin DIP and wide body SOIC package intended for instrument use.
The ML145502 is the full–featured device which presents all of the
options of the chip. This device is packaged in a 22–pin DIP and a
28–pin chip carrier package
These devices are pin–for–pin replacements for Motorola’s first genera-
tion of MC14400/01/02/03/05 PCM mono–circuits and are upwardly
compatible with the MC14404/06/07 codecs and other industry standard
codecs. They also maintain compatibility with Motorola’s family of
MC33120 and MC3419 SLIC products.
The ML1455xx family of PCM Codec–Filter mono–circuits utilizes
CMOS due to its reliable low–power performance and proven capability
for complex analog/digital VLSI functions.
ML145502
• 22 Pin and 28 Pin Packages
• Transmit Bandpass and Receive Low–Pass Filter On–Chip
• Pin Selectable Mu–Law/A–Law Companding with Corresponding
Data Format
• On–Chip Precision Reference Voltage (3.15 V)
• Power Dissipation of 50 mW, Power–Down of 0.1 mW at ±5 V
• Automatic Prescaler Accepts 128 kHz, 1.536, 1.544, 2.048, and 2.56
MHz for Internal Sequencing
• Selectable Peak Overload Voltages (2.5, 3.15, 3.78 V)
• Access to the Inverting Input of the TxI Input Operational Amplifier
• Variable Data Clock Rates (64 kHz to 4.1 MHz)
• Complete Access to the Three Terminal Transmit Input Operational
Amplifiers
• An External Precision Reference May Be Used
ML145503— Similar to the ML145502 Plus:
• 16–Pin Dip and SOIC 16 Packages
• Complete Access to the Three Terminal Transmit Input Operational
Amplifiers
ML145505 — Somewhat Similar To ML145503 Except:
• Common 64 kHz to 4.1 MHz Transmit/Receive Data Clock
P DIP 16 = EP
PLASTIC DIP
CASE 648
16
1
22
1
P DIP 22 = WP
PLASTIC DIP
CASE 708
SOG 16 = -5P
SOG PACKAGE
CASE 751G
PLCC 28 = -4P
PLCC PACKAGE
CASE 776
16
1
28 1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 22
MC145502P
ML145502WP
PLCC 28
MC145502FN
ML145502-4P
P DIP 16
MC145503P
ML145503EP
SO 16W
MC145503DW
ML145503-5P
P DIP 16
MC145505P
ML145505EP
SO 16W
MC145505DW
ML145505-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.


Numéro de pièce similaire - ML145503-5P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145503-5P LANSDALE-ML145503-5P Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Description similaire - ML145503-5P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com