Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS867ADWR Fiches technique(PDF) 11 Page - Texas Instruments |
|
SN74ALS867ADWR Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 27 page SN54AS867, SN54AS869 SN74ALS867A, SN74ALS869, SN74AS867, SN74AS869 SYNCHRONOUS 8-BIT UP/DOWN COUNTERS SDAS115C – DECEMBER 1982 – REVISED JANUARY 1995 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, RL = 500 Ω, TA = MIN to MAX† UNIT (INPUT) (OUTPUT) SN74ALS869 MIN MAX fmax 35 MHz tPLH CLK RCO 4 14 ns tPHL CLK RCO 4 14 ns tPLH CLK Any Q 3 16 ns tPHL CLK Any Q 3 16 ns tPLH ENT RCO 3 14 ns tPHL ENT RCO 2 9 ns tPLH S1 RCO 4 15 ns tPHL (count up/down) RCO 4 15 ns tPLH S0 RCO 4 16 ns tPHL (clear/load) RCO 4 12 ns † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
Numéro de pièce similaire - SN74ALS867ADWR |
|
Description similaire - SN74ALS867ADWR |