Moteur de recherche de fiches techniques de composants électroniques |
|
MC145170D2 Fiches technique(PDF) 11 Page - LANSDALE Semiconductor Inc. |
|
MC145170D2 Fiches technique(HTML) 11 Page - LANSDALE Semiconductor Inc. |
11 / 26 page LANSDALE Semiconductor, Inc. ML145170 www.lansdale.com Page 11 of 26 Figure 14. C Register Access and Format (8 Clock Cycles are Used) *At this point, the new byte is transferred to the C register and stored. No other registers are affected. C7–POL: Selects the output polarity of the phase/frequency detectors. When set high, this bit inverts PDout and interchanges the φR funtion with φV as depicted in Figure 17. Also see the phase detector output pin description for more information. This bit is cleared low at power up. C6–PDA/B: Selects which phase/frequency detector is to be used. When set high, enables the output of phase/frequency detector A (PDout) and disables phase/frequency detector B by forcing φR and φV R and φV) and phase/frequency detector A is disabled with PDout forced to the high–impedance state. This bit is cleared low at power up. C5–LDE: Enables the lock detector output when set high. When the bit is cleared low, the LD output is forced to a static low level. This bit is cleared low at power up. C4–C2, OSC2–OSC0: Reference output controls which determine the REFout characteristics as shown below. Upon power up, the bits are initialized such that OSCin/8 is selected. C4 C3 C2 REFout Frequency 0 0 0 DC (Static Low) 0 0 1 OSCin 0 1 0 OSCin /2 0 1 1 OSCin 1 0 0 OSCin /8 (POR Default) 1 0 1 OSCin /16 1 1 0 OSCin /8 1 1 1 OSCin /16 C1–fVE: Enables the fV output when set high. When cleared low, the fV output is forced to a static low level. The bit is cleared low upon power up. C0–fRE: Enables the fR output when set high. When cleared low, the fR output is forced to a static low level. The bit is cleared low upon power up. /4 to the static high state. When cleared low, phase/frequency detector B is enabled ( φ Issue A |
Numéro de pièce similaire - MC145170D2 |
|
Description similaire - MC145170D2 |