Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML145162-5P Fiches technique(PDF) 4 Page - LANSDALE Semiconductor Inc.

No de pièce ML145162-5P
Description  60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145162-5P Fiches technique(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145162-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145162-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.lansdale.com
Page 4 of 24
Issue 0
LANSDALE Semiconductor, Inc.
ML145162
SWITCHING CHARACTERISTICS (TA = 25°C, CL = 50 pF)
Figure
Guaranteed Limit
Symbol
Characteristic
Figure
No.
VDD
Min
Max
Unit
tTLH
Output Rise Time
1
2.5
5.5
200
100
ns
tTHL
Output Fall Time
1
2.5
5.5
200
100
ns
tr, tf
Input Rise and Fall Time
OSCin
2
2.5
5.5
5.0
4.0
µs
tw
Input Pulse Width
CLK and ENB
3
2.5
5.5
80
60
ns
fmax
Input Frequency
OSCin
Input = Sine Wave @
≥ 200 mV p–p
fin–R, fin–T
2.5 – 5.5
2.5 – 5.5
16
60
MHz
tst
Minimum Start–Up Time
10
ms
tsu
Setup Time
DATA to CLK
ENB to CLK
5
2.5
5.5
100
200
ns
th
Hold Time
CLK to DATA
5
3.0
5.0
80
40
ns
trec
Recovery Time
ENB to CLK
5
3.0
5.0
80
40
ns
tsu1
Setup Time
ENB to CLK
4
2.5 – 5.5
80
ns
th1
Hold Time
CLK to ENB
4
2.5 – 5.5
600
ns
f
Phase Detector Frequency
dc
12.5
kHz
fMCUCLK
Output Clock Frequency
MCUCLK
(OSCin
3)
dc
5.33
MHz


Numéro de pièce similaire - ML145162-5P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145162-5P LANSDALE-ML145162-5P Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

Description similaire - ML145162-5P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
logo
Motorola, Inc
MC145162 MOTOROLA-MC145162 Datasheet
153Kb / 24P
   60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Freescale Semiconductor...
MC145151-2 FREESCALE-MC145151-2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com