Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML145051-6P Fiches technique(PDF) 3 Page - LANSDALE Semiconductor Inc.

No de pièce ML145051-6P
Description  10-Bit A/D Converter with Serial Interface - CMOS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145051-6P Fiches technique(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML145051-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145051-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.lansdale.com
Page 3 of 15
LANSDALE Semiconductor, Inc.
ML145050, ML145051
DC ELECTRICAL CHARACTERISTICS
(Voltages Referenced to VSS, Full Temperature and Voltage Ranges per Operation Ranges Table, unless otherwise indicated)
Symbol
Parameter
Test Condition
Guaranteed
Limit
Unit
VIH
Minimum High-Level Input Voltage
(Din, SCLK, CS, ADCLK)
2.0
V
VIL
Maximum Low-Level Input Voltage
(Din, SCLK, CS, ADCLK)
0.8
V
VOH
Minimum High-Level Output Voltage
(Dout, EOC)
Iout = – 1.6 mA
Iout = – 20 µA
2.4
VDD – 0.1
V
VOL
Minimum Low-Level Output Voltage
(Dout, EOC)
Iout = + 1.6 mA
Iout = 20 µA
0.4
0.1
V
Iin
Maximum Input Leakage Current
(Din, SCLK, CS, ADCLK)
Vin = VSS or VDD
+ 2.5
µA
IOZ
Maximum Three-State Leakage Current (Dout)
Vout = VSS or VDD
+ 10
µA
IDD
Maximum Power Supply Current
Vin = VSS or VDD, All Outputs Open
2.5
mA
Iref
Maximum Static Analog Reference Current (Vref)
Vref = VDD, VAG = VSS
100
µA
IAl
Maximum Analog Mux Input Leakage Current between all
deselected inputs and any selected input (AN0
± AN10)
VAl = VSS to VDD
+ 1
µA
A/D CONVERTER ELECTRICAL CHARACTERISTICS
(Full Temperature and Voltage Ranges per Operation Ranges Table; ML145050: 500 kHz
≤ ADCLK ≤ 2.1 MHz, unless otherwise noted)
Characteristic
Definition and Test Conditions
Guaranteed
Limit
Unit
Resolution
Number of bits resolved by the A/D converter
10
Bits
Maximum Nonlinearity
Maximum difference between an ideal and an actual ADC transfer function
± 1
LSB
Maximum Zero Error
Difference between the maximum input voltage of an ideal and an actual
ADC for zero output code
± 1
LSB
Maximum Full-Scale Error
Difference between the minimum input voltage of an ideal and an actual
ADC for full-scale output code
± 1
LSB
Maximum Total Unadjusted Error
Maximum sum of nonlinearity, zero error, and full-scale error
± 1
LSB
Maximum Quantization Error
Uncertainty due to converter resolution
± 1/2
LSB
Absolute Accuracy
Difference between the actual input voltage and the full-scale weighted
equivalent of the binary output code, all error sources included
± 1-1/2
LSB
Maximum Conversion Time
Total time to perform a single analog-to-digital conversion
ML145050
ML145051
44
44
ADCLK
cycles
µs
Data Transfer Time
Total time to transfer digital serial data into and out of the device
10 to 16
SCLK
cycles
Sample Acquisition Time
Analog input acquisition time window
6
SCLK
cycles
Minimum Total Cycle Time
Total time to transfer serial data, sample the analog input, and perform the
conversion
ML145050: ADCLK = 2.1 MHz, SCLK = 2.1 MHz
ML145051: SCLK = 2.1 MHz
26
49
µs
Maximum Sample Rate
Rate at which analog inputs may be sampled
ML145050: ADCLK = 2.1 MHz, SCLK = 2.1 MHz
ML145051: SCLK = 2.1 MHz
38
20.4
ks/s
Issue B


Numéro de pièce similaire - ML145051-6P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145051-6P LANSDALE-ML145051-6P Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
More results

Description similaire - ML145051-6P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Intersil Corporation
CDP68HC68A2 INTERSIL-CDP68HC68A2 Datasheet
87Kb / 14P
   CMOS Serial 10-Bit A/D Converter
July 1998
CDP68HC68A2 INTERSIL-CDP68HC68A2_02 Datasheet
655Kb / 15P
   CMOS Serial 10-Bit A/D Converter
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com