Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML13155-5P Fiches technique(PDF) 7 Page - LANSDALE Semiconductor Inc.

No de pièce ML13155-5P
Description  Wideband FM IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13155-5P Fiches technique(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML13155-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13155-5P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.lansdale.com
Page 7 of 16
Issue A
ML13155
LANSDALE Semiconductor, Inc.
S–Parameters (VEE = – 5.0 Vdc, TA = 25°C, C2 and C15 = 0 pF)
Frequency
Input S11
Forward S21
Rev S12
Output S22
K
MAG
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
MAG
dB
1.0
0.94
–13
8.2
143
0.001
7.0
0.87
–22
2.2
32
2.0
0.78
–2 3
23.5
109
0.001
–40
0.64
–31
4.2
33.5
5.0
0.48
1.0
39.2
51
0.001
–97
0.34
–17
8.7
33.7
7.0
0.59
15
40.3
34
0.001
–41
0.33
–13
10.6
34.6
10
0.75
17
40.9
19
0.001
–82
0.41
–1.0
5.7
36.7
20
0.95
7.0
42.9
– 6.0
0.001
–42
0.45
0
1.05
46.4
50
0.98
–10
42.2
–48
0.001
– 9.0
0.52
– 3.0
0.29
70
0.95
–16
39.8
–68
0.001
112
0.54
–16
1.05
46.4
100
0.93
–2 3
44.2
–93
0.001
80
0.53
–22
0.76
150
0.91
–3 4
39.5
–139
0.001
106
0.50
–34
0.94
200
0.87
–4 7
34.9
–179
0.002
77
0.42
–44
0.97
500
0.89
–103
11.1
–58
0.022
57
0.40
–117
0.75
700
0.61
–156
3.5
–164
0.03
0
0.52
179
2.6
13.7
900
0.56
162
1.2
92
0.048
–44
0.47
112
4.7
4.5
1000
0.54
131
0.8
42
0.072
–48
0.44
76
5.1
0.4
S–Parameters (VEE = – 5.0 Vdc, TA = 25°C, C2 and C15 = 100 pF)
Frequency
Input S11
Forward S21
Rev S12
Output S22
K
MAG
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
MAG
dB
1.0
0.98
–15
11.7
174
0.001
–14
0.84
–27
1.2
37.4
2.0
0.50
– 2.0
39.2
85.5
0.001
–108
0.62
–35
6.0
35.5
5.0
0.87
8.0
39.9
19
0.001
100
0.47
– 9.0
4.2
39.2
7.0
0.90
5.0
40.4
9.0
0.001
–40
0.45
– 8.0
3.1
40.3
10
0.92
3.0
41
1.0
0.001
–40
0.44
– 5.0
2.4
41.8
20
0.92
– 2.0
42.4
–14
0.001
–87
0.49
– 6.0
2.4
41.9
50
0.91
– 8.0
41.2
–45
0.001
85
0.50
– 5.0
2.3
42
70
0.91
–11
39.1
–63
0.001
76
0.52
– 4.0
2.2
41.6
100
0.91
–15
43.4
–84
0.001
85
0.50
–11
1.3
43.6
150
0.90
–22
38.2
–126
0.001
96
0.43
–22
1.4
41.8
200
0.86
–33
35.5
–160
0.002
78
0.43
–21
1.3
39.4
500
0.80
–66
8.3
– 9.0
0.012
75
0.57
–63
1.7
23.5
700
0.62
–96
2.9
–95
0.013
50
0.49
–111
6.3
12.5
900
0.56
–120
1.0
–171
0.020
53
0.44
–150
13.3
2.8
1000
0.54
–136
0.69
154
0.034
65
0.44
–179
12.5
– 0.8


Numéro de pièce similaire - ML13155-5P

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML13155-5P LANSDALE-ML13155-5P Datasheet
355Kb / 16P
   Wideband FM IF
More results

Description similaire - ML13155-5P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
logo
Motorola, Inc
MC13156 MOTOROLA-MC13156 Datasheet
363Kb / 20P
   Wideband FM IF System
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
Motorola, Inc
MC13158 MOTOROLA-MC13158 Datasheet
381Kb / 24P
   WIDEBAND FM IF SUBSYSTEM FOR DECT AND DIGITAL APPLICATIONS
logo
LANSDALE Semiconductor ...
ML13158 LANSDALE-ML13158 Datasheet
1,008Kb / 23P
   Wideband FM IF Subsystem For Dect and Digital Applications
logo
Motorola, Inc
MC13159 MOTOROLA-MC13159 Datasheet
157Kb / 8P
   WIDEBAND FM IF SUBSYSTEM FOR PHS AND DIGITAL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com