Moteur de recherche de fiches techniques de composants électroniques |
|
ML12015PP Fiches technique(PDF) 2 Page - LANSDALE Semiconductor Inc. |
|
ML12015PP Fiches technique(HTML) 2 Page - LANSDALE Semiconductor Inc. |
2 / 4 page LANSDALE Semiconductor, Inc. ML12015, ML12016, ML12017 www.lansdale.com Page 2 of 4 Issue A Symbol Rating MAXIMUM RATINGS Value Unit Regulated Voltage, Pin 7 Vreg 8.0 Vdc Power Supply Voltage, Pin 8 VCC 10 Vdc Operating Temperature Range TA –40 to +85 °C Storage Temperature Range Tstg –65 to +175 °C ELECTRICAL CHARACTERISTICS (VCC = 5.5 to 9.5 V; Vreg = 4.5 to 5.5 V; TA = –40 to 85°C, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Toggle Frequency (Sine Wave Input) fmax 225 – – MHz fmin – – 35 Supply Current ICC – 6.0 7.8 mA Control Input HIGH ( ÷32, 40 or 64) VIH 2.0 – – V Control Input LOW ( ÷33, 41 or 65) VIL – – 0.8 V Output Voltage HIGH (Isource = 50µA) [Nofe 1] VOH 2.5 – – V Output Voltage LOW (Isink = 2mA) [Note 1] VOL – – 0.5 V Input Voltage Sensitivity Vin mVpp 35 MHz 400 – 800 50 to 225 MHz 200 – 800 PLL Response Time [Notes 2 and 3] tPLL – – tout to 70 ns NOTES: 1. Pin 2 connected to Pin 3. 2. tPLL = the period of time the PLL has from the prescaler rising output tranistion (50%) to the modulus control input edge transition (50%) to ensure proper modulus selection. 3. tout = period of output waveform. |
Numéro de pièce similaire - ML12015PP |
|
Description similaire - ML12015PP |