Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML12011 Fiches technique(PDF) 11 Page - LANSDALE Semiconductor Inc.

No de pièce ML12011
Description  MECL PLL Components Dual Modulus Prescaler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LANSDALE [LANSDALE Semiconductor Inc.]
Site Internet  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12011 Fiches technique(HTML) 11 Page - LANSDALE Semiconductor Inc.

Back Button ML12011 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML12011 Datasheet HTML 14Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
www.lansdale.com
Page 11 of 14
Issue A
LANSDALE Semiconductor, Inc.
ML12009, ML12011
Figure 5. AC Test Circuit
All Pulse Generators are EH 137 or equiv.
Pulse Generators 1 and 2:
PRF = 10 MHz
PW = 50% Duty Cycle
t + = t – = 2.0
± 0.2 ns
Pulse Generator 3:
PRF = 2.0 MHz
PW = 50% Duty Cycle
t + = t – = 5.0
± 0.5 ns
All resistors are +1%.
All input and output cables to the scope are equal lengths of 50
Ω coaxial cable.
The 1950
Ω resistor at Pin 7 and the scope termination impedance constitute a 40 :1 attenuator probe.
CT = 15 pF = total parasitic capacitance which includes probe, wiring, and load capacitance.
Unused output connected to a 50
Ω resistor to ground.
Vin
50
100
Vin
Pulse
Generator
#1
Pulse
Generator
#2
Pulse
Generator
#3
A
MC10109 or equiv.
(Scope Channel A)
50
950
VCC = 2.0 V
25
µF
13
12
11
10
9
15
14
5
4
0.1
µF
+
VEE = –3.0 V
8
MECL
to
MTTL
Trans–
lator
VBB
C
E5
E4
E3
E2
E1
16
16
0.1
µF
2
3
7
VEE = –3.0 V
CT
1950
Vout
Vout (Scope Channel B)
Q
Q
50
100
Vin
50
Vin
Vout


Numéro de pièce similaire - ML12011

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12011 LANSDALE-ML12011 Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12011-5P LANSDALE-ML12011-5P Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
ML12011EP LANSDALE-ML12011EP Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
More results

Description similaire - ML12011

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013 Datasheet
3Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
ML12009 LANSDALE-ML12009_08 Datasheet
246Kb / 14P
   MECL PLL Components Dual Modulus Prescaler
logo
Motorola, Inc
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12034A MOTOROLA-MC12034A Datasheet
84Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12038A MOTOROLA-MC12038A Datasheet
87Kb / 5P
   MECL PLL COMPONENTS 첨127/128, 첨255/256 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com