Moteur de recherche de fiches techniques de composants électroniques |
|
AKD4641EN-A Fiches technique(PDF) 3 Page - Asahi Kasei Microsystems |
|
AKD4641EN-A Fiches technique(HTML) 3 Page - Asahi Kasei Microsystems |
3 / 54 page ASAHI KASEI [AKD4641EN-A] <KM082001> 2006/03 - 3 - (1-1) Evaluation of Recording block (MIC, ADC) using DIT of AK4114 PORT2 (DIT) and X2 (X’tal) are used. DIT generates audio bi-phase signal from received data and which is output through optical connector (TOTX141). Nothing should be connected to PORT1 (DIR) and PORT3 (Audio I/F), J12 (EXT). JP25 (EXT) is short. CM0 is set “H ” and CM1 is set “L ” for SW1, AK4114 is set X’tal mode. JP26 BICK2 JP24 XTI JP27 BICK1 JP28 BICK_INV THR MCLK_SEL PORT DIR MCKO02 MCKO01 JP30 INV PORT DIR JP32 SDTI1 JP31 LRCK2 JP33 SDTI2 JP29 LRCK1 PORT DIR PORT DIR LOOP DIR DIT does not operate under fs = 32kHz, this mode corresponds to fs = 32kHz and over. (1-2) Evaluation of Playback block (HP, SPK, MOUT) using DIR of AK4114 PORT1 (DIR) is used. Nothing should be connected to PORT3 (Audio I/F) and J12 (EXT). X1 (X’tal) is removed. JP25 (EXT) is short. CM0 is set “L ” and CM1 is set “L ” for SW1, AK4114 is set PLL mode. JP26 BICK2 JP24 XTI JP27 BICK1 JP28 BICK_INV THR MCLK_SEL PORT DIR MCKO02 MCKO01 JP30 INV PORT DIR JP32 SDTI1 JP31 LRCK2 JP33 SDTI2 JP29 LRCK1 PORT DIR PORT DIR LOOP DIR DIR does not operate under fs = 32kHz, this mode corresponds to fs = 32kHz and over. |
Numéro de pièce similaire - AKD4641EN-A |
|
Description similaire - AKD4641EN-A |