Moteur de recherche de fiches techniques de composants électroniques |
|
AK4589 Fiches technique(PDF) 13 Page - Asahi Kasei Microsystems |
|
AK4589 Fiches technique(HTML) 13 Page - Asahi Kasei Microsystems |
13 / 76 page ASAHI KASEI [AK4589] MS0339-E-00 2004/09 - 13 - DC CHARACTERISTICS (Ta=25 °C; AVDD, DVDD, PVDD=4.75∼5.25V; TVDD=2.7∼5.25V) Parameter Symbol min typ max Units High-Level Input Voltage (Except XTI pin) (XTI pin) Low-Level Input Voltage (Except XTI pin) (XTI pin) VIH VIH VIL VIL 2.2 70%DVDD - - - - - - - - 0.8 30%DVDD V V V V Input Voltage at AC Coupling (XTI pin) (Table 15) VAC 40%DVDD - - Vpp High-Level Output Voltage (Except TX0-1, DZF pins: Iout=-400 µA) (TX0-1 pin: Iout=-400 µA) (DZF pin: Iout=-400 µA) Low-Level Output Voltage (Iout=400 µA) VOH VOH VOH VOL TVDD-0.4 DVDD-0.4 AVDD-0.4 - - - - - - - - 0.4 V V V V Input Leakage Current Iin - - ±10 µA Note: 15. In case of connecting capacitance (0.1 µF) to XTI pin. S/PDIF RECEIVER CHARACTERISTICS (Ta=25 °C; AVDD, DVDD, PVDD=4.75~5.25V; TVDD=2.7~5.25V) Parameter Symbol min typ max Units Input Resistance Zin 10 k Ω Input Voltage (internally biased at PVDD/2) VTH 200 mVpp Input Hysteresis VHY - 50 mV Input Sample Frequency fs 32 - 192 kHz VCOM PVDD PVSS RX pin 20k(typ) 20k(typ) Internal biased pin Circuit |
Numéro de pièce similaire - AK4589_1 |
|
Description similaire - AK4589_1 |