Moteur de recherche de fiches techniques de composants électroniques |
|
CD54HC21 Fiches technique(PDF) 5 Page - Texas Instruments |
|
CD54HC21 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 13 page 5 Transition Times (Figure 1) tTLH, tTHL CL = 50pF 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns Input Capacitance CI - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD - 5 - 36 - ---- pF HCT TYPES Propagation Delay, Input to Output (Figure 2) tRHL, tPHL CL = 50pF 4.5 - - 27 - 34 - 41 ns Propagation Delay, Data Input to Output Y tPLH, tPHL CL = 15pF 5 - 11 - ---- ns Transition Times (Figure 2) tTLH, tTHL CL = 50pF 4.5 - - 15 - 19 - 22 ns Input Capacitance CI - - - - 10 - 10 - 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD - 5 - 42 - ---- pF NOTES: 3. CPD is used to determine the dynamic power consumption, per gate. 4. PD = VCC 2 f i (CPD + CL) where fi = input frequency, CL = output load capacitance, VCC = supply voltage. Switching Specifications Input tr, tf = 6ns (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX Test Circuits and Waveforms FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA- TION DELAY TIMES, COMBINATION LOGIC FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC tPHL tPLH tTHL tTLH 90% 50% 10% 50% 10% INVERTING OUTPUT INPUT GND VCC tr = 6ns tf = 6ns 90% tPHL tPLH tTHL tTLH 2.7V 1.3V 0.3V 1.3V 10% INVERTING OUTPUT INPUT GND 3V tr = 6ns tf = 6ns 90% CD54HC21, CD74HC21, CD74HCT21 |
Numéro de pièce similaire - CD54HC21_07 |
|
Description similaire - CD54HC21_07 |