Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5152L Fiches technique(PDF) 2 Page - Semicoa Semiconductor

No de pièce 2N5152L
Description  Silicon PNP Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMICOA [Semicoa Semiconductor]
Site Internet  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N5152L Fiches technique(HTML) 2 Page - Semicoa Semiconductor

  2N5152L_02 Datasheet HTML 1Page - Semicoa Semiconductor 2N5152L_02 Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Copyright
 2002
Semicoa Semiconductors, Inc.
Rev. D
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 2 of 2
www.SEMICOA.com
2N5152L
Silicon PNP Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25°C
Off Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 100 mA
80
Volts
Collector-Emitter Cutoff Current
ICEO
VCE = 40 Volts
50
µA
Collector-Emitter Cutoff Current
ICEX
VCE = 60 Volts, VEB = 2 Volts,
TA = 150°C
500
µA
Collector-Emitter Cutoff Current
ICES1
ICES2
VCE = 60 Volts
VCE = 100 Volts
1
1
µA
mA
Emitter-Base Cutoff Current
IEBO1
IEBO2
VEB = 4 Volts
VEB = 5.5 Volts
1
1
µA
mA
On Characteristics
Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC Current Gain
hFE1
hFE2
hFE3
hFE4
IC = 50 mA, VCE = 5 Volts
IC = 2.5 A, VCE = 5 Volts
IC = 5 A, VCE = 5 Volts
IC = 2.5 A, VCE = 5 Volts
TA = -55°C
20
30
20
15
90
Base-Emitter Voltage
VBE
VCE = 5 Volts, IC = 2.5 A
1.45
Volts
Base-Emitter Saturation Voltage
VBEsat1
VBEsat2
IC = 2.5 A, IB = 250 mA
IC = 5 A, IB = 500 mA
1.45
2.20
Volts
Collector-Emitter Saturation Voltage
VCEsat1
VCEsat2
IC = 2.5 A, IB = 250 mA
IC = 5 A, IB = 500 mA
0.75
1.50
Volts
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 5 Volts, IC = 500 mA,
f = 10 MHz
6
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 5 Volts, IC = 100 mA,
f = 1 kHz
20
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
f = 1 MHz
250
pF
Switching Characteristics
Storage Time
Fall Time
Saturated Turn-On Time
Saturated Turn-Off Time
ts
tf
tON
tOFF
IC = 5 A, IB1=IB2 = 500 mA,
VBEoff = 3.7 Volts, RL = 6 Ω
1.4
0.5
0.5
1.5
µs


Numéro de pièce similaire - 2N5152L_02

FabricantNo de pièceFiches techniqueDescription
logo
Semicoa Semiconductor
2N5152L SEMICOA-2N5152L Datasheet
33Kb / 1P
   Chip Type 2C5154 Geometry 9201 Polarity NPN
2N5152L SEMICOA-2N5152L Datasheet
59Kb / 2P
   Type 2N5152L Geometry 9201 Polarity NPN
logo
Microsemi Corporation
2N5152L MICROSEMI-2N5152L Datasheet
68Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
2N5152L MA-COM-2N5152L Datasheet
571Kb / 4P
   NPN Power Silicon Transistor
More results

Description similaire - 2N5152L_02

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com