Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G74 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74AUP1G74
Description  Low-power D-type flip-flop with set and reset; positive-edge trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G74 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G74 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G74 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
74AUP1G74_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 25 August 2006
11 of 23
Philips Semiconductors
74AUP1G74
Low-power D-type flip-flop with set and reset; positive-edge trigger
CL = 15 pF
tpd
propagation
delay
CP to Q, Q; see Figure 7
[2]
VCC = 0.8 V
-
23.4
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.5
8.3
17.6
3.3
17.8
3.3
18.0
ns
VCC = 1.4 V to 1.6 V
3.2
5.6
9.5
2.8
10.5
2.8
11.1
ns
VCC = 1.65 V to 1.95 V
2.7
4.6
7.2
2.5
8.1
2.5
8.6
ns
VCC = 2.3 V to 2.7 V
2.4
3.6
5.0
2.2
5.6
2.2
6.0
ns
VCC = 3.0 V to 3.6 V
2.2
3.2
4.1
2.0
4.6
2.0
4.9
ns
SD to Q, Q; see Figure 8
[2]
VCC = 0.8 V
-
26.7
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.3
7.3
14.7
3.1
15.2
3.1
15.4
ns
VCC = 1.4 V to 1.6 V
3.2
5.2
8.3
2.9
9.0
2.9
9.5
ns
VCC = 1.65 V to 1.95 V
2.8
4.3
6.4
2.5
7.1
2.5
7.5
ns
VCC = 2.3 V to 2.7 V
2.8
3.7
4.8
2.2
5.3
2.2
5.6
ns
VCC = 3.0 V to 3.6 V
2.5
3.5
4.3
2.4
4.7
2.4
4.9
ns
RD to Q, Q; see Figure 8
[2]
VCC = 0.8 V
-
26.1
-
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
3.2
7.2
14.5
3.1
15.0
3.1
15.2
ns
VCC = 1.4 V to 1.6 V
3.1
5.1
8.4
2.7
9.2
2.7
9.7
ns
VCC = 1.65 V to 1.95 V
2.7
4.3
6.5
2.6
7.3
2.6
7.7
ns
VCC = 2.3 V to 2.7 V
2.6
3.6
4.9
2.4
5.4
2.4
5.8
ns
VCC = 3.0 V to 3.6 V
2.4
3.4
4.4
2.3
5.2
2.3
5.4
ns
fmax
maximum
frequency
CP; see Figure 8
VCC = 0.8 V
-
50
-
-
-
-
-
MHz
VCC = 1.1 V to 1.3 V
-
181
-
120
-
120
-
MHz
VCC = 1.4 V to 1.6 V
-
301
-
190
-
160
-
MHz
VCC = 1.65 V to 1.95 V
-
407
-
240
-
190
-
MHz
VCC = 2.3 V to 2.7 V
-
422
-
300
-
270
-
MHz
VCC = 3.0 V to 3.6 V
-
481
-
320
-
300
-
MHz
Table 9.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min Typ[1] Max
Min
Max
(85
°C)
Min
Max
(125
°C)


Numéro de pièce similaire - 74AUP1G74

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G74 NXP-74AUP1G74 Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
logo
NXP Semiconductors
74AUP1G74DC NXP-74AUP1G74DC Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74DC NEXPERIA-74AUP1G74DC Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
More results

Description similaire - 74AUP1G74

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G74 NXP-74AUP1G74 Datasheet
128Kb / 24P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 04-3 June 2008
logo
Nexperia B.V. All right...
74AUP1G74-Q100 NEXPERIA-74AUP1G74-Q100 Datasheet
243Kb / 20P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
74AUP1G74 NEXPERIA-74AUP1G74 Datasheet
349Kb / 26P
   Low-power D-type flip-flop with set and reset; positive-edge trigger
Rev. 13 - 23 January 2023
logo
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC1G74DC.125 NXP-74LVC1G74DC.125 Datasheet
299Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 12-2 April 2013
logo
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
logo
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74 NEXPERIA-74LV74 Datasheet
251Kb / 15P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 5 - 24 March 2021
logo
NXP Semiconductors
74LVC1G74 NXP-74LVC1G74_10 Datasheet
202Kb / 25P
   Single D-type flip-flop with set and reset; positive edge trigger
Rev. 9-5 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com