Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C1024-45XB3TR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M27C1024-45XB3TR
Description  1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1024-45XB3TR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M27C1024-45XB3TR Datasheet HTML 4Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 5Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 6Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 7Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 8Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 9Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 10Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 11Page - STMicroelectronics M27C1024-45XB3TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
tAVPL
VALID
AI00706
A0-A15
Q0-Q15
VPP
VCC
P
G
DATA IN
DATA OUT
E
tQVPL
tVPHPL
tVCHPL
tPHQX
tPLPH
tGLQV
tQXGL
tELPL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 6. Programming and Verify Modes AC Waveforms
The associated transient voltage peaks can be
suppressed by complying with the two line output
control and by properly selected decoupling ca-
pacitors. It is recommended that a 0.1
µF ceramic
capacitor be used on every device between VCC
and VSS. This should be a high frequency capacitor
of low inherent inductance and should be placed
as close to the device as possible. In addition, a
4.7
µF bulk electrolytic capacitor should be used
between Vcc and VSS for every eight devices. The
bulk capacitor should be located near the power
supply connection point. The purpose of the bulk
capacitor is to overcome the voltage drop caused
by the inductive effects of PCB traces.
Programming
When delivered (and after each ’1’s erasure for UV
EPROM), all bits of the M27C1024 are in the ’1’
state. Data is introduced by selectively program-
ming ’0’s into the desired bit locations. Although
only ’0’s will be programmed, both ’1’s and ’0’s can
be present in the data word. The only way to
change a ’0’ to a ’1’ is by die exposure to ultraviolet
light (UV EPROM). The M27C1024 is in the pro-
gramming mode when VPP input is at 12.75V, E is
at VIL and P is pulsed to VIL. The data to be
programmed is applied to 16 bits in parallel to the
data output pins. The levels required for the ad-
dress and data inputs are TTL. VCC is specified to
be 6.25V
± 0.25V.
PRESTO II Programming Algorithm
PRESTO II Programming Algorithm allows pro-
gramming of the whole array with a guaranteed
margin, in a typical time of 6.5 seconds. Program-
ming with PRESTO II consists of applying a se-
quenceof 100
µs programpulses toeach worduntil
a correct verify occurs (see Figure 7). During pro-
gramming and verify operation, a MARGIN MODE
circuit is automaticallyactivated in order to guaran-
tee that each cell is programmed with enough
margin. No overprogram pulse is applied since the
verify in MARGIN MODE provides necessary mar-
gin to each programmed cell.
DEVICE OPERATION (cont’d)
8/15
M27C1024


Numéro de pièce similaire - M27C1024-45XB3TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results

Description similaire - M27C1024-45XB3TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27W102 STMICROELECTRONICS-M27W102 Datasheet
104Kb / 15P
   1 Mbit 64Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
April 2000
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C322 STMICROELECTRONICS-M27C322_06 Datasheet
196Kb / 24P
   32 Mbit (2Mb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
   2 Mbit (128Kb x16) UV EPROM and OTP EPROM
M27V102 STMICROELECTRONICS-M27V102 Datasheet
116Kb / 15P
   1 Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27C1001 STMICROELECTRONICS-M27C1001 Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com