Moteur de recherche de fiches techniques de composants électroniques |
|
CD74ACT245M96G4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
CD74ACT245M96G4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 16 page 5 ACT Input Load Table INPUT UNIT LOAD An, Bn 0.83 OE 0.64 DIR 0.25 NOTE: Unit load is ∆ICC limit specified in DC Electrical Specifications Table, e.g., 2.4mA max at 25oC. Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) PARAMETER SYMBOL VCC (V) -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN TYP MAX AC TYPES Propagation Delay, Data to Output tPLH, tPHL 1.5 - - 96 - - 106 ns 3.3 (Note 9) 3.2 - 10.8 3 - 11.9 ns 5 (Note 10) 2.2 - 7.7 2.1 - 8.5 ns Propagation Delay, Output Disable to Output tPLZ, tPHZ 1.5 - - 159 - - 175 ns 3.3 4.7 - 15.9 4.4 - 17.5 ns 5 3.7 - 12.7 3.5 - 14 ns Propagation Delay, Output Enable to Output tPZL, tPZH 1.5 - - 159 - - 175 ns 3.3 5.6 - 19 5.3 - 21 ns 5 3.7 - 12.7 3.5 - 14 ns Minimum (Valley) VOH During Switching of Other Outputs (Output Under Test Not Switching) VOHV See Figure 1 5 - 4 at 25oC - - 4 at 25oC -V Maximum (Peak) VOL During Switching of Other Outputs (Output Under Test Not Switching) VOLP See Figure 1 5 - 1 at 25oC - - 1 at 25oC -V Three-State Output Capacitance CO - - 15 - - 15 - pF Input Capacitance CI - - -10- -10 pF Power Dissipation Capacitance CPD (Note 11) - - 57 - - 57 - pF ACT TYPES Propagation Delay, Data to Output tPLH, tPHL 5 (Note 10) 2.7 - 9.1 2.5 - 10 ns Propagation Delay, Output Disable to Output tPLZ, tPHZ 5 3.7 12.7 3.5 14 ns Propagation Delay, Output Enable to Output tPZL, tPZH 5 3.8 13.1 3.6 14.4 ns Minimum (Valley) VOH During Switching of Other Outputs (Output Under Test Not Switching) VOHV See Figure 1 5 - 4 at 25oC - - 4 at 25oC -V Maximum (Peak) VOL During Switching of Other Outputs (Output Under Test Not Switching) VOLP See Figure 1 5 - 1 at 25oC - - 1 at 25oC -V CD54/74AC245, CD54/74ACT245 |
Numéro de pièce similaire - CD74ACT245M96G4 |
|
Description similaire - CD74ACT245M96G4 |