Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LV221APWTE4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
SN74LV221APWTE4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 22 page SN54LV221A, SN74LV221A DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT TRIGGER INPUTS SCLS450G − DECEMBER 1999 − REVISED APRIL 2005 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION NOTES: A. CL includes probe and jig capacitance. B. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr + 3 ns, tf + 3 ns. C. The outputs are measured one at a time, with one input transition per measurement. 50% VCC tPLH tPHL VOH VOL VCC 50% VCC 50% VCC VCC Input A (see Note B) 50% VCC 0 V 0 V In-Phase Output Out-of-Phase Output VOLTAGE WAVEFORMS DELAY TIMES Input B (see Note B) VOL VOH LOAD CIRCUIT Test Point CL (see Note A) From Output Under Test 50% VCC tPLH tPHL tPHL tPLH VOH VOH VOL VOL VCC 0 V 50% VCC Input CLR (see Note B) Out-of-Phase Output In-Phase Output VOLTAGE WAVEFORMS DELAY TIMES 50% VCC 50% VCC 50% VCC 50% VCC VCC 0 V tw VOLTAGE WAVEFORMS PULSE DURATION Inputs or Outputs 50% VCC 50% VCC Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - SN74LV221APWTE4 |
|
Description similaire - SN74LV221APWTE4 |