Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LV132ADRE4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LV132ADRE4
Description  QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LV132ADRE4 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74LV132ADRE4 Datasheet HTML 1Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 2Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 3Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 4Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 5Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 6Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 7Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 8Page - Texas Instruments SN74LV132ADRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54LV132A, SN74LV132A
QUADRUPLE POSITIVENAND GATES
WITH SCHMITT TRIGGER INPUTS
SCLS394H − APRIL 1998 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV132A
SN74LV132A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 15 pF
7.9*
16.5*
1*
18.5*
1
18.5
ns
tpd
A or B
Y
CL = 50 pF
10.8
20.2
1
23
1
23
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV132A
SN74LV132A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 15 pF
5.6*
11.9*
1*
14*
1
14
ns
tpd
A or B
Y
CL = 50 pF
7.6
15.4
1
17.5
1
17.5
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54LV132A
SN74LV132A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
Y
CL = 15 pF
3.9*
7.7*
1*
9*
1
9
ns
tpd
A or B
Y
CL = 50 pF
5.3
9.7
1
11
1
11
ns
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
noise characteristics, VCC = 3.3 V, CL = 50 pF, TA = 25°C (see Note 5)
PARAMETER
SN74LV132A
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.21
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
−0.09
−0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
3.12
V
VIH(D)
High-level dynamic input voltage
2.31
V
VIL(D)
Low-level dynamic input voltage
0.99
V
NOTE 5: Characteristics are for surface-mount packages only.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
3.3 V
7.5
pF
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 10 MHz
5 V
11.2
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74LV132ADRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LV132ADRE4 TI-SN74LV132ADRE4 Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN74LV132ADRE4 TI1-SN74LV132ADRE4 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
More results

Description similaire - SN74LV132ADRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com