Moteur de recherche de fiches techniques de composants électroniques |
|
M27C1024-35N1TR Fiches technique(PDF) 8 Page - STMicroelectronics |
|
M27C1024-35N1TR Fiches technique(HTML) 8 Page - STMicroelectronics |
8 / 15 page tAVPL VALID AI00706 A0-A15 Q0-Q15 VPP VCC P G DATA IN DATA OUT E tQVPL tVPHPL tVCHPL tPHQX tPLPH tGLQV tQXGL tELPL tGHQZ tGHAX PROGRAM VERIFY Figure 6. Programming and Verify Modes AC Waveforms The associated transient voltage peaks can be suppressed by complying with the two line output control and by properly selected decoupling ca- pacitors. It is recommended that a 0.1 µF ceramic capacitor be used on every device between VCC and VSS. This should be a high frequency capacitor of low inherent inductance and should be placed as close to the device as possible. In addition, a 4.7 µF bulk electrolytic capacitor should be used between Vcc and VSS for every eight devices. The bulk capacitor should be located near the power supply connection point. The purpose of the bulk capacitor is to overcome the voltage drop caused by the inductive effects of PCB traces. Programming When delivered (and after each ’1’s erasure for UV EPROM), all bits of the M27C1024 are in the ’1’ state. Data is introduced by selectively program- ming ’0’s into the desired bit locations. Although only ’0’s will be programmed, both ’1’s and ’0’s can be present in the data word. The only way to change a ’0’ to a ’1’ is by die exposure to ultraviolet light (UV EPROM). The M27C1024 is in the pro- gramming mode when VPP input is at 12.75V, E is at VIL and P is pulsed to VIL. The data to be programmed is applied to 16 bits in parallel to the data output pins. The levels required for the ad- dress and data inputs are TTL. VCC is specified to be 6.25V ± 0.25V. PRESTO II Programming Algorithm PRESTO II Programming Algorithm allows pro- gramming of the whole array with a guaranteed margin, in a typical time of 6.5 seconds. Program- ming with PRESTO II consists of applying a se- quenceof 100 µs programpulses toeach worduntil a correct verify occurs (see Figure 7). During pro- gramming and verify operation, a MARGIN MODE circuit is automaticallyactivated in order to guaran- tee that each cell is programmed with enough margin. No overprogram pulse is applied since the verify in MARGIN MODE provides necessary mar- gin to each programmed cell. DEVICE OPERATION (cont’d) 8/15 M27C1024 |
Numéro de pièce similaire - M27C1024-35N1TR |
|
Description similaire - M27C1024-35N1TR |