Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G157 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce 74LVC1G157
Description  Single 2-input multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G157 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G157 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G157 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
74LVC1G157_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 12 July 2007
10 of 15
NXP Semiconductors
74LVC1G157
Single 2-input multiplexer
Fig 11. Package outline SOT457 (SC-74)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT457
SC-74
wB
M
bp
D
e
pin 1
index
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
y
scale
c
X
13
2
4
5
6
0
1
2 mm
Plastic surface-mounted package (TSOP6); 6 leads
SOT457
UNIT
A1
bp
cD
E
HE
Lp
Qy
w
v
mm
0.1
0.013
0.40
0.25
3.1
2.7
0.26
0.10
1.7
1.3
e
0.95
3.0
2.5
0.2
0.1
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
0.33
0.23
A
1.1
0.9
05-11-07
06-03-16


Numéro de pièce similaire - 74LVC1G157

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G157 NXP-74LVC1G157 Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
NXP Semiconductors
74LVC1G157GF NXP-74LVC1G157GF Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
74LVC1G157GF NXP-74LVC1G157GF Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
More results

Description similaire - 74LVC1G157

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC1G157GW NXP-74LVC1G157GW Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
74LVC1G157GW-G NXP-74LVC1G157GW-G Datasheet
196Kb / 18P
   Single 2-input multiplexer
Rev. 6-31 December 2012
logo
Nexperia B.V. All right...
74LVC1G157 NEXPERIA-74LVC1G157 Datasheet
241Kb / 1P
   Single 2-input multiplexer
Rev. 11 - 27 January 2022
logo
Unisonic Technologies
U74LVC1G158 UTC-U74LVC1G158 Datasheet
163Kb / 5P
   SINGLE 2-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74AXP1G157 NEXPERIA-74AXP1G157 Datasheet
811Kb / 16P
   Single 2-input multiplexer
74LVC1G157-Q100 NEXPERIA-74LVC1G157-Q100 Datasheet
200Kb / 12P
   Single 2-input multiplexer
logo
National Semiconductor ...
MM54HCT157 NSC-MM54HCT157 Datasheet
141Kb / 6P
   2-Input Multiplexer , Quad 2-Input Multiplexer (Inverted Output)
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com