Moteur de recherche de fiches techniques de composants électroniques |
|
74ACT16541 Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
74ACT16541 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 10 page 54ACT16541, 74ACT16541 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUPUTS SCAS208A – JUNE 1992 – REVISED APRIL 1996 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 2 × VCC 500 Ω 500 Ω tPLH tPHL Output Control (low-level enabling) Output Waveform 1 S1 at 2 × VCC (see Note B) Output Waveform 2 S1 at GND (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V 1.5 V 1.5 V [ VCC 3 V 0 V 50% VCC 50% VCC VOH VOL 0 V 50% VCC 20% VCC 50% VCC 80% VCC [ 0 V 3 V GND Open Input Output VOLTAGE WAVEFORMS VOLTAGE WAVEFORMS tPLH/tPHL tPLZ/tPZL tPHZ/tPZH Open 2 × VCC GND TEST S1 NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns. D. The outputs are measured one at a time with one input transition per measurement. Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - 74ACT16541 |
|
Description similaire - 74ACT16541 |