Moteur de recherche de fiches techniques de composants électroniques |
|
CAT25040LI-GT3 Fiches technique(PDF) 2 Page - Catalyst Semiconductor |
|
CAT25040LI-GT3 Fiches technique(HTML) 2 Page - Catalyst Semiconductor |
2 / 17 page CAT25010, CAT25020, CAT25040 Doc. No. MD-1006 Rev. T 2 © Catalyst Semiconductor, Inc. Characteristics subject to change without notice ABSOLUTE MAXIMUM RATINGS (1) Parameters Ratings Units Storage Temperature -65 to +150 ºC Voltage on any Pin with Respect to Ground (2) -0.5 to VCC + 0.5 V RELIABILITY CHARACTERISTICS (3) Symbol Parameter Min Units NEND (4) Endurance 1,000,000 Program/ Erase Cycles TDR Data Retention 100 Years D.C. OPERATING CHARACTERISTICS VCC = +1.8V to +5.5V, TA=-40°C to +125°C unless otherwise specified. Symbol Parameter Test Conditions Min Max Units 10MHz / -40°C to 85°C 2 mA ICC Supply Current Read, Write, VCC = 5.0V, SO open 5MHz / -40°C to 125°C 2 mA ISB1 Standby Current VIN = GND or VCC , CS ¯¯ = VCC, WP ¯¯¯ = VCC, VCC = 5.0V 2 µA TA= -40°C to +85°C 4 µA ISB2 Standby Current VIN = GND or VCC , CS ¯¯ = VCC, WP ¯¯¯ = GND, VCC = 5.0V TA= -40°C to +125°C 5 µA IL Input Leakage Current VIN = GND or VCC -2 2 µA TA= -40°C to +85°C -1 1 µA ILO Output Leakage Current CS ¯¯ = VCC , VOUT = GND or VCC TA= -40°C to +125°C -1 2 µA VIL Input Low Voltage -0.5 0.3VCC V VIH Input High Voltage 0.7VCC VCC + 0.5 V VOL1 Output Low Voltage VCC > 2.5V, IOL = 3.0mA 0.4 V VOH1 Output High Voltage VCC > 2.5V, IOH = -1.6mA VCC - 0.8V V VOL2 Output Low Voltage VCC > 1.8V, IOL = 150µA 0.2 V VOH2 Output High Voltage VCC > 1.8V, IOH = -100µA VCC - 0.2V V PIN CAPACITANCE (3) TA = 25˚C, f = 1.0MHz, VCC = +5.0V Symbol Test Conditions Min Typ Max Units COUT Output Capacitance (SO) VOUT = 0V 8 pF CIN Input Capacitance (CS ¯¯ , SCK, SI, WP ¯¯¯, HOLD ¯¯¯¯¯) VIN = 0V 8 pF Notes: (1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) The DC input voltage on any pin should not be lower than -0.5V or higher than VCC + 0.5V. During transitions, the voltage on any pin may undershoot to no less than -1.5V or overshoot to no more than VCC + 1.5V, for periods of less than 20ns. (3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (4) Page Mode, VCC = 5V, 25°C |
Numéro de pièce similaire - CAT25040LI-GT3 |
|
Description similaire - CAT25040LI-GT3 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |