Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT25C64PA-1.8-GT3 Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT25C64PA-1.8-GT3
Description  64K-Bit SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C64PA-1.8-GT3 Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT25C64PA-1.8-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C64PA-1.8-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
CAT25C64
64K-Bit SPI Serial CMOS EEPROM
Doc. No. 1112, Rev. B
FEATURES
I 10 MHz SPI compatible
I 1.8 to 5.5 volt operation
I Hardware and software protection
I Low power CMOS technology
I SPI modes (0,0 &1,1)
I Commercial, industrial and automotive
temperature ranges
I 1,000,000 program/erase cycles
I 100 year data tetention
I Self-timed write cycle
I 8-pin DIP and SOIC
I 64-Byte page write buffer
I Block write protection
– Protect 1/4, 1/2 or all of EEPROM array
DESCRIPTION
The CAT25C64 is a 64K-Bit SPI Serial CMOS EEPROM
internally organized as 8Kx8 bits. Catalyst’s advanced
CMOS Technology substantially reduces device power
requirements. The CAT25C64 features a 64-byte page
write buffer. The device operates via the SPI bus serial
interface and is enabled though a Chip Select (
CS). In
addition to the Chip Select, the clock input (SCK), data
in (SI) and data out (SO) are required to access the
device. The
HOLD pin may be used to suspend any
serial communication without resetting the serial se-
quence. The CAT25C64 is designed with software and
hardware write protection features including Block write
protection. The device is available in 8-pin DIP and
SOIC packages.
PIN CONFIGURATION
PIN FUNCTIONS
Pin Name
Function
SO
Serial Data Output
SCK
Serial Clock
WP
Write Protect
VCC
+1.8V to +5.5V Power Supply
VSS
Ground
CS
Chip Select
SI
Serial Data Input
HOLD
Suspends Serial Input
PDIP (P, L)
SOIC (S, V)
8
7
6
5
VCC
HOLD
SCK
SI
WP
CS
SO
VSS
1
2
3
4
FUNCTIONAL SYMBOL
VCC
VSS
SO
SI
CS
WP
HOLD
SCK
CAT25C64
Not recommended for new designs,
replace with CAT25640


Numéro de pièce similaire - CAT25C64PA-1.8-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT25C64PA-1.8TE13 CATALYST-CAT25C64PA-1.8TE13 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT25C64PA-1.8TE13 CATALYST-CAT25C64PA-1.8TE13 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
More results

Description similaire - CAT25C64PA-1.8-GT3

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
   64K SPI Bus Serial EEPROM
2008
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
   64K SPI Bus Serial EEPROM
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com