Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS166NSRG4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74ALS166NSRG4
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS166NSRG4 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74ALS166NSRG4 Datasheet HTML 1Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 2Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 3Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 4Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 5Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 6Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 7Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 8Page - Texas Instruments SN74ALS166NSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN74ALS166
PARALLEL-LOAD 8-BIT SHIFT REGISTER
SDAS156D – APRIL 1982 – REVISED AUGUST 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
CLR
SRG8
R
9
M1 [Shift]
15
M2 [Load]
6
CLK INH
7
CLK
C3/1
2, 3D
3
B
4
C
5
D
10
E
11
F
12
G
14
H
1, 3D
1
SER
2, 3D
2
A
13
≥1
QH
SH/LD
† This symbol is in accordance with ANSI/IEEE Standard 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
R
1A
C1
1S
15
9
7
6
13
SH/LD
CLR
CLK
CLK INH
QH
1
234
5
10
11
12
14
SER
A
B
C
D
E
F
G
H


Numéro de pièce similaire - SN74ALS166NSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS166NSR TI-SN74ALS166NSR Datasheet
344Kb / 11P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results

Description similaire - SN74ALS166NSRG4

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A Datasheet
88Kb / 10P
   Parallel-Load 8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com