Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC423 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74HC423
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC423 Fiches technique(HTML) 4 Page - Texas Instruments

  CD74HC423 Datasheet HTML 1Page - Texas Instruments CD74HC423 Datasheet HTML 2Page - Texas Instruments CD74HC423 Datasheet HTML 3Page - Texas Instruments CD74HC423 Datasheet HTML 4Page - Texas Instruments CD74HC423 Datasheet HTML 5Page - Texas Instruments CD74HC423 Datasheet HTML 6Page - Texas Instruments CD74HC423 Datasheet HTML 7Page - Texas Instruments CD74HC423 Datasheet HTML 8Page - Texas Instruments CD74HC423 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
HCT TYPES
High Level Input
Voltage
VIH
-
-
4.5 to
5.5
2-
-
2
-
2
-
V
Low Level Input
Voltage
VIL
-
-
4.5 to
5.5
-
-
0.8
-
0.8
-
0.8
V
High Level Output
Voltage
CMOS Loads
VOH
VIH or VIL
-0.02
4.5
4.4
-
-
4.4
-
4.4
-
V
High Level Output
Voltage
TTL Loads
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
Low Level Output
Voltage
CMOS Loads
VOL
VIH or VIL
0.02
4.5
-
-
0.1
-
0.1
-
0.1
V
Low Level Output
Voltage
TTL Loads
4
4.5
-
-
0.26
-
0.33
-
0.4
V
Input Leakage
Current
II
VCC and
GND
0
5.5
-
±0.1
-
±1-
±1
µA
Quiescent Device
Current
ICC
VCC or
GND
0
5.5
-
-
8
-
80
-
160
µA
Additional Quiescent
Device Current Per
Input Pin: 1 Unit Load
∆ICC
(Note 2)
VCC
-2.1
-
4.5 to
5.5
-
100
360
-
450
-
490
µA
NOTE:
2. For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HCT Input Loading Table
INPUT
UNIT LOADS
All
0.35
NOTE: Unit Load is
∆ICC limit specified in DC Electrical Table, e.g.
360
µA max at 25oC.
Prerequisite for Switching Specifications
PARAMETER
SYMBOL
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
HC TYPES
Minimum Input,
Pulse Width
tWL
A
2
100
-
-
125
-
-
150
-
-
ns
4.5
20
-
-
25
-
-
30
-
-
ns
617
-
-
21
-
-
26
-
-
ns
BtWH
2
100
-
-
125
-
-
150
-
-
ns
4.5
20
-
-
25
-
-
30
-
-
ns
617
-
-
21
-
-
26
-
-
ns
CD54/74HC123, CD54/74HCT123, CD74HC423, CD74HCT423


Numéro de pièce similaire - CD74HC423

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC423 TI-CD74HC423 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC423 TI-CD74HC423 Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC423 HARRIS-CD74HC423 Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Texas Instruments
CD74HC423 TI-CD74HC423 Datasheet
359Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC423 TI-CD74HC423 Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
More results

Description similaire - CD74HC423

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HC123 TI-CD74HC123 Datasheet
56Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_06 Datasheet
359Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_08 Datasheet
541Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Harris Corporation
CD74HC123 HARRIS-CD74HC123 Datasheet
33Kb / 7P
   High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com