Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5140AEVAADJZ-3 Fiches technique(PDF) 6 Page - Analog Microelectronics

No de pièce AME5140AEVAADJZ-3
Description  1.6 MHz Boost Converter With 30V Internal FET Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5140AEVAADJZ-3 Fiches technique(HTML) 6 Page - Analog Microelectronics

Back Button AME5140AEVAADJZ-3 Datasheet HTML 2Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 3Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 4Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 5Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 6Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 7Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 8Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 9Page - Analog Microelectronics AME5140AEVAADJZ-3 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AME, Inc.
6
1.6 MHz Boost Converter with
30V Internal FET Switch
AME5140
Rev.G.01
n Ordering Information
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature1
AME5140 x x x x xxx x x
Output Voltage
Special Feature2
A
1. SW
E: -40
OC to 85OC
E: SOT-2X V: 5
ADJ: Adjustable
Lead free &
3: 3x3x0.75(mm) (LxWxH)
(SOT-25)
2. GND
V: DFN
A: 8
Low profile
(TSOT-25)
3. FB
Q: MSOP
(For TSOT-25 only)
4. EN
Z: Lead free
5. IN
A
1. NC
(DFN-8)
2. FB
3. NC
4. SW
5. NC
6. IN
7. EN
8. NC
B
1. IN
(MSOP-8)
2. EN
3. GND
4. FB
5. SW
6. SW
7. GND
8. GND
Pin
Configuration
Operating Ambient
Temperature
Range
Package
Type
Number
of
Pins
Y:
Special Feature2
(For DFN package only)
Output Voltage
Special Feature1


Numéro de pièce similaire - AME5140AEVAADJZ-3

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5142 AME-AME5142 Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AAEEV AME-AME5142AAEEV Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AAEEY AME-AME5142AAEEY Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AEEV AME-AME5142AEEV Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
AME5142AEEVADJY AME-AME5142AEEVADJY Datasheet
252Kb / 18P
   White LED Boost Converter In Tiny Package
More results

Description similaire - AME5140AEVAADJZ-3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
logo
Taiwan Semiconductor Co...
TS1935 TSC-TS1935 Datasheet
391Kb / 8P
   1.6MHz Boost Converter with 30V Internal FET Switch
logo
Integrated Silicon Solu...
IS31PW3500 ISSI-IS31PW3500 Datasheet
261Kb / 8P
   1.1MHZ BOOST CONVERTER WITH 30V INTERNAL FET SWITCH
logo
National Semiconductor ...
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
logo
Texas Instruments
LM27313 TI-LM27313_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
logo
Analog Microelectronics
AME5145 AME-AME5145 Datasheet
193Kb / 23P
   1.6 MHz Boost Converter With
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com