Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C128WIT3 Fiches technique(PDF) 2 Page - Catalyst Semiconductor

No de pièce CAT24C128WIT3
Description  128-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C128WIT3 Fiches technique(HTML) 2 Page - Catalyst Semiconductor

  CAT24C128WIT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C128WIT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CAT24C128
2
Doc. No. MD-1103, Rev. J
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS(1)
Storage Temperature
-65°C to +150°C
Voltage on Any Pin with Respect to Ground(2)
-0.5 V to +6.5 V
RELIABILITY CHARACTERISTICS(3)
Symbol Parameter
Min
Units
NEND(4) Endurance
1,000,000
Program/ Erase Cycles
TDR
Data Retention
100
Years
D.C. OPERATING CHARACTERISTICS
VCC = 1.8 V to 5.5 V, TA = -40°C to +125°C, unless otherwise specified.
Symbol Parameter
Test Conditions
Min
Max
Units
ICCR
Read Current
Read, fSCL = 400kHz
1
mA
ICCW
Write Current
Write, fSCL = 400kHz
3
mA
ISB
Standby Current
All I/O Pins at GND or VCC
TA = -40°C to +85°C
1
μA
TA = -40°C to +125°C
2
IL
I/O Pin Leakage
Pin at GND or VCC
TA = -40°C to +85°C
1
μA
TA = -40°C to +125°C
2
VIL
Input Low Voltage
-0.5
VCC x 0.3
V
VIH
Input High Voltage
VCC x 0.7 VCC + 0.5
V
VOL1
Output Low Voltage VCC < 2.5 V, IOL = 3.0mA
0.4
V
VOL2
Output Low Voltage VCC < 2.5 V, IOL = 1.0mA
0.2
V
PIN IMPEDANCE CHARACTERISTICS
VCC = 1.8 V to 5.5 V, TA = -40°C to +125°C, unless otherwise specified.
Symbol Parameter
Conditions
Max
Units
CIN(3)
SDA I/O Pin Capacitance
VIN = 0 V
8
pF
CIN(3)
Input Capacitance (other pins)
VIN = 0 V
6
pF
IWP(5)
WP Input Current
VIN < VIH
200
μA
VIN > VIH
1
μA
Note:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this speci-
fication is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
(3) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100
and JEDEC test methods.
(4) Page Mode, VCC = 5 V, 25°C
(5) When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull-down is relatively strong;
therefore the external driver must be able to supply the pull-down current when attempting to drive the input HIGH. To conserve power, as
the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull-down reverts to a weak current source.


Numéro de pièce similaire - CAT24C128WIT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C128WIT3 CATALYST-CAT24C128WIT3 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
More results

Description similaire - CAT24C128WIT3

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com