Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC153 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74VHC153
Description  Dual 4-Input Multiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC153 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

  74VHC153_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC153_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC153 Rev. 1.2
8
Physical Dimensions (Continued)
Dimensions are in millimeters unless otherwise noted.
Figure 3. 16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
0.65
4.4±0.1
MTC16rev4
0.11
4.55
5.00
5.00±0.10
12°
7.35
4.45
1.45
5.90


Numéro de pièce similaire - 74VHC153_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
74VHC153FT TOSHIBA-74VHC153FT Datasheet
188Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
Fairchild Semiconductor
74VHC153M FAIRCHILD-74VHC153M Datasheet
70Kb / 7P
   Dual 4-Input Multiplexer
74VHC153M FAIRCHILD-74VHC153M Datasheet
260Kb / 9P
   Dual 4-Input Multiplexer
74VHC153MTC FAIRCHILD-74VHC153MTC Datasheet
70Kb / 7P
   Dual 4-Input Multiplexer
74VHC153MTC FAIRCHILD-74VHC153MTC Datasheet
260Kb / 9P
   Dual 4-Input Multiplexer
More results

Description similaire - 74VHC153_07

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
   DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com