Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC132 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74VHC132
Description  Quad 2-Input NAND Schmitt Trigger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC132 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74VHC132_07 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC132_07 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC132 Rev. 1.4
5
AC Electrical Characteristics
Note:
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained from the equation:
ICC (Opr.) = CPD • VCC • IIN + ICC / 4 (per gate)
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPHL, tPLH Propagation Delay
3.3 ± 0.3
CL = 15pF
6.1
11.9
1.0
14.0
ns
CL = 50pF
8.0
15.4
1.0
17.5
5.0 ± 0.5
CL = 15pF
3.9
7.7
1.0
9.0
CL = 50pF
5.9
9.7
1.0
11.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(4)
16
pF


Numéro de pièce similaire - 74VHC132_07

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74VHC132 STMICROELECTRONICS-74VHC132_04 Datasheet
235Kb / 11P
   QUAD 2-INPUT SCHMITT NAND GATE
More results

Description similaire - 74VHC132_07

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com