Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25640 Fiches technique(PDF) 3 Page - Ramtron International Corporation

No de pièce FM25640
Description  64Kb FRAM Serial Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640 Fiches technique(HTML) 3 Page - Ramtron International Corporation

  FM25640_05 Datasheet HTML 1Page - Ramtron International Corporation FM25640_05 Datasheet HTML 2Page - Ramtron International Corporation FM25640_05 Datasheet HTML 3Page - Ramtron International Corporation FM25640_05 Datasheet HTML 4Page - Ramtron International Corporation FM25640_05 Datasheet HTML 5Page - Ramtron International Corporation FM25640_05 Datasheet HTML 6Page - Ramtron International Corporation FM25640_05 Datasheet HTML 7Page - Ramtron International Corporation FM25640_05 Datasheet HTML 8Page - Ramtron International Corporation FM25640_05 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FM25640
Rev. 3.0
Mar. 2005
3 of 13
Overview
The FM25640 is a serial FRAM memory. The
memory array is logically organized as 8,192 x 8 and
is accessed using an industry standard Serial
Peripheral Interface or SPI bus. Functional operation
of the FRAM is similar to serial EEPROMs. The
major difference between the FM25640 and a serial
EEPROM with the same pinout relates to its superior
write performance.
Memory Architecture
When accessing the FM25640, the user addresses
8,192 locations of 8 data bits each. These data bits
are shifted in and out serially. The addresses are
accessed using the SPI protocol, which includes a
chip select (to permit multiple devices on the bus), an
op-code and a two-byte address. The upper 3 bits of
the address range are ignored by the device. The
complete address of 13-bits specifies each byte
address uniquely.
Most functions of the FM25640 either are controlled
by the SPI interface or are handled automatically by
on-board circuitry. The access time for memory
operation essentially is zero, beyond the time needed
for the serial protocol. That is, the memory is read or
written at the speed of the SPI bus. Unlike an
EEPROM, it is not necessary to poll the device for a
ready condition since writes occur at bus speed. That
is, by the time a new bus transaction can be shifted
into the part, a write operation will be complete. This
is explained in more detail in the interface section.
Users expect several obvious system benefits from
the FM25640 due to its fast write cycle and high
endurance as compared with EEPROM. However
there are less obvious benefits as well. For example
in a high noise environment, the fast-write operation
is less susceptible to corruption than an EEPROM
since it is completed quickly. By contrast, an
EEPROM requiring milliseconds to write is
vulnerable to noise during much of the cycle.
Note that the FM25640 contains no power
management circuits other than a simple internal
power-on reset. It is the user’s responsibility to
ensure that VDD is within datasheet tolerances to
prevent incorrect operation. It is recommended
that the part is not powered down with chip
enable active.
Serial Peripheral Interface – SPI Bus
The FM25640 employs a Serial Peripheral Interface
(SPI) bus. It is specified to operate at speeds up to 5
MHz. This high-speed serial bus provides high
performance serial communication to a host
microcontroller. Many common microcontrollers
have hardware SPI ports allowing a direct interface.
It is quite simple to emulate the port using ordinary
port pins for microcontrollers that do not. The
FM25640 operates in SPI Mode 0 and 3.
The SPI interface uses a total of four pins: clock,
data-in, data-out, and chip select. It is possible to
connect the two data lines together. Figure 2
illustrates a typical system configuration using the
FM25640 with a microcontroller that offers an SPI
port. Figure 3 shows a similar configuration for a
microcontroller that has no hardware support for the
SPI bus.
Protocol Overview
The SPI interface is a synchronous serial interface
using clock and data lines. It is intended to support
multiple devices on the bus. Each device is activated
using a chip select. Once chip select is activated by
the bus master, the FM25640 will begin monitoring
the clock and data lines. The relationship between the
falling edge of /CS, the clock, and data is dictated by
the SPI mode. The device will make a determination
of the SPI mode on the falling edge of each chip
select. While there are four such modes, the
FM25640 supports modes 0 and 3. Figure 4 shows
the required signal relationships for modes 0 and 3.
In both cases, data is clocked into the FM25640 on
the rising edge of SCK and data is expected on the
first rising edge after /CS goes active. If the clock
begins from a high state, it will fall prior to beginning
data transfer in order to create the first rising edge.
The FM25640 is controlled by SPI op-codes. These
op-codes specify the commands to the part. After /CS
is asserted, the first byte transferred from the bus
master is the op-code. Following the op-code,
addresses and data are then transferred. Note that the
WREN and WRDI op-codes are commands with no
subsequent data transfer.
Important: The /CS must go inactive after an
operation is complete and before a new op-code
can be issued. There is one valid op-code only per
active chip select.


Numéro de pièce similaire - FM25640_05

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
More results

Description similaire - FM25640_05

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
FM24C64 RAMTRON-FM24C64_05 Datasheet
98Kb / 12P
   64Kb FRAM Serial Memory
FM25640 RAMTRON-FM25640_07 Datasheet
138Kb / 13P
   64Kb FRAM Serial Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
FM24CL64 RAMTRON-FM24CL64_07 Datasheet
115Kb / 13P
   64Kb Serial 3V FRAM Memory
FM25CL64 RAMTRON-FM25CL64_07 Datasheet
137Kb / 13P
   64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM24CL64 ETC-FM24CL64 Datasheet
96Kb / 13P
   64Kb 2.7V-3.6V FRAM Serial Memory
logo
Ramtron International C...
FM1608 RAMTRON-FM1608 Datasheet
104Kb / 12P
   64Kb Bytewide FRAM Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com