Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL3714PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRL3714PBF
Description  SMPS MOSFET HEXFET짰Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL3714PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRL3714PBF Datasheet HTML 1Page - International Rectifier IRL3714PBF Datasheet HTML 2Page - International Rectifier IRL3714PBF Datasheet HTML 3Page - International Rectifier IRL3714PBF Datasheet HTML 4Page - International Rectifier IRL3714PBF Datasheet HTML 5Page - International Rectifier IRL3714PBF Datasheet HTML 6Page - International Rectifier IRL3714PBF Datasheet HTML 7Page - International Rectifier IRL3714PBF Datasheet HTML 8Page - International Rectifier IRL3714PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRL3714/S/LPbF
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
p-n junction diode.
–––
–––
1.3
V
TJ = 25°C, IS = 18A, VGS = 0V
ƒ
–––
0.88
–––
TJ = 125°C, IS = 18A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
35
53
ns
TJ = 25°C, IF = 18A, VR=10V
Qrr
Reverse Recovery Charge
–––
34
51
nC
di/dt = 100A/µs
ƒ
trr
Reverse Recovery Time
–––
35
53
ns
TJ = 125°C, IF = 18A, VR=10V
Qrr
Reverse Recovery Charge
–––
35
53
nC
di/dt = 100A/µs
ƒ
Parameter
Min.
Typ.
Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.022
––– V/°C Reference to 25°C, ID = 1mA
–––
15
20
VGS = 10V, ID = 18A
ƒ
–––
21
28
VGS = 4.5V, ID = 14A
ƒ
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
VDS = VGS, ID = 250µA
–––
–––
20
µA
VDS = 16V, VGS = 0V
–––
–––
100
VDS = 16V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-200
nA
VGS = -16V
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
72
mJ
IAR
Avalanche Current

–––
14
A
Avalanche Characteristics
S
D
G
Diode Characteristics
A
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
17
–––
–––
S
VDS = 10V, ID = 14A
Qg
Total Gate Charge
–––
6.5
9.7
ID = 14A
Qgs
Gate-to-Source Charge
–––
1.8
–––
nC
VDS = 10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.9
–––
VGS = 4.5V
Qoss
Output Gate Charge
–––
7.1
–––
VGS = 0V, VDS = 10V
td(on)
Turn-On Delay Time
–––
8.7
–––
VDD = 10V
tr
Rise Time
–––
78
–––
ID = 14A
td(off)
Turn-Off Delay Time
–––
10
–––
RG = 1.8Ω
tf
Fall Time
–––
4.5
–––
VGS = 4.5V
ƒ
Ciss
Input Capacitance
–––
670
–––
VGS = 0V
Coss
Output Capacitance
–––
470
–––
VDS = 10V
Crss
Reverse Transfer Capacitance
–––
68
–––
pF
ƒ = 1.0MHz
VSD
Diode Forward Voltage
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance
36
140
m


Numéro de pièce similaire - IRL3714PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRL3714L IRF-IRL3714L Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRL3714S IRF-IRL3714S Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRL3714Z IRF-IRL3714Z Datasheet
366Kb / 12P
   HEXFET Power MOSFET
IRL3714ZL IRF-IRL3714ZL Datasheet
366Kb / 12P
   HEXFET Power MOSFET
More results

Description similaire - IRL3714PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
   SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
   SMPS MOSFET HEXFET짰Power MOSFET
IRL3715ZPBF IRF-IRL3715ZPBF Datasheet
273Kb / 13P
   HEXFET짰Power MOSFET
IRFZ44NSPBF IRF-IRFZ44NSPBF Datasheet
339Kb / 11P
   HEXFET짰Power MOSFET
IRF7821PBF IRF-IRF7821PBF Datasheet
285Kb / 10P
   HEXFET짰Power MOSFET
IRFP450NPBF IRF-IRFP450NPBF Datasheet
174Kb / 8P
   HEXFET짰Power MOSFET
IRFB4310PBF IRF-IRFB4310PBF Datasheet
381Kb / 12P
   HEXFET짰Power MOSFET
IRF7495PBF IRF-IRF7495PBF Datasheet
147Kb / 8P
   HEXFET짰Power MOSFET
IRFB3207PBF IRF-IRFB3207PBF Datasheet
383Kb / 12P
   HEXFET짰Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com