Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-CW16-R00XX Fiches technique(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CW16-R00XX Fiches technique(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED |
8 / 11 page 8 Intensity Bin Limits (mcd at 20 mA) Bin Min. Max. L 400 520 M 520 680 N 680 880 P 880 1150 Q 1150 1500 R 1500 1900 S 1900 2500 T 2500 3200 U 3200 4200 V 4200 5500 W 5500 7200 X 7200 9300 Y 9300 12000 Z 12000 16000 Tolerance for each bin limit is ± 15%. Color Bin Limit Table Rank Limits (Chromaticity Coordinates) 1x 0.330 0.330 0.356 0.361 y 0.360 0.318 0.351 0.385 2x 0.287 0.296 0.330 0.330 y 0.295 0.276 0.318 0.339 3x 0.264 0.280 0.296 0.283 y 0.267 0.248 0.276 0.305 4x 0.283 0.287 0.330 0.330 y 0.305 0.295 0.339 0.360 Tolerance for each bin limit is ± 0.01. 0.40 0.35 0.30 0.25 0.20 0.26 0.30 0.34 0.38 X-COORDINATE 3 2 4 1 BLACK BODY CURVE Color Bin Limits with Respect to CIE 1931 Chromaticity Diagram Note: Bin categories are established for classification of products. Products may not be available in all bin categories. Please contact your Avago representative for information on currently available bins. 0 1.2 1.0 TJ – JUNCTION TEMPERATURE – °C -40 1.4 0.8 -20 0 20 40 60 120 80 100 0.2 0.4 0.6 Relative Light Output vs. Junction Temperature |
Numéro de pièce similaire - HLMP-CW16-R00XX |
|
Description similaire - HLMP-CW16-R00XX |