Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-CW77 Fiches technique(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-CW77 Fiches technique(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED |
5 / 8 page 5 Intensity Bin Limit Table Figure 7. Spatial Radiation Pattern for CW7x Bin Intensity (mcd) at 20 mA Min Max N680 880 P 880 1150 Q 1150 1500 R 1500 1900 S 1900 2500 T 2500 3200 U 3200 4200 Figure 4. Chromaticity shift vs. Current *Note: (x,y) values @ 20mA reference to (0,0) Figure 5. Forward Current vs. Forward Voltage Figure 6. Spatial Radiation Pattern for CW4x 0 5 10 15 20 25 30 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6 VF - FORWARD VOLTAGE - VOLTS -0.010 -0.005 0.000 0.005 0.010 0.015 0.020 0.025 -0.005 0.000 0.005 0.010 0.015 X-COORDINATES 30mA 20mA 10mA 5mA 1mA 0 0.5 1 -90 -60 -30 0 30 60 90 ANGULAR DISPLACEMENT (˚) 0 0.5 1 -90 -60 -30 0 30 60 90 ANGULAR DISPLACEMENT (˚) Tolerance for each bin limit is ± 15% |
Numéro de pièce similaire - HLMP-CW77 |
|
Description similaire - HLMP-CW77 |