Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7949 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD7949
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7949 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD7949 Datasheet HTML 2Page - Analog Devices AD7949 Datasheet HTML 3Page - Analog Devices AD7949 Datasheet HTML 4Page - Analog Devices AD7949 Datasheet HTML 5Page - Analog Devices AD7949 Datasheet HTML 6Page - Analog Devices AD7949 Datasheet HTML 7Page - Analog Devices AD7949 Datasheet HTML 8Page - Analog Devices AD7949 Datasheet HTML 9Page - Analog Devices AD7949 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD7689
Preliminary Technical Data
Rev. PrC | Page 6 of 20
VDD = 2.5 V to 4.5 V, VIO = 2.3 V to VDD, all specifications TMIN to TMAX, unless otherwise noted.
Table 5. 1
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Data Available
tCONV
0.7
3.2
μs
Acquisition Time
tACQ
1.8
μs
Time Between Conversions
tCYC
5
μs
CNV Pulse Width
tCNVH
10
ns
SCK Period
tSCK
25
ns
SCK Low Time
tSCKL
12
ns
SCK High Time
tSCKH
12
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 3 V
24
ns
VIO Above 2.7 V
30
ns
VIO Above 2.3 V
35
ns
CNV Low to SDO D15 MSB Valid
tEN
VIO Above 2.7 V
18
ns
VIO Above 2.3 V
22
ns
CNV High or Last SCK Falling Edge to SDO High Impedance
tDIS
25
ns
CNV High to SCK Low
tCSCK
10
ns
SDI Valid Setup Time from SCK Falling Edge
tSDIN
5
ns
SDI Valid Hold Time from SCK Falling Edge
tHDIN
4
ns
1 See Figure 2 and Figure 3 for load conditions.
500µA
IOL
500µA
IOH
1.4V
TO SDO
CL
50pF
Figure 2. Load Circuit for Digital Interface Timing
30% VIO
70% VIO
2V OR VIO – 0.5V1
0.8V OR 0.5V2
0.8V OR 0.5V2
2V OR VIO – 0.5V1
tDELAY
tDELAY
1. 2V IF VIO ABOVE 2.5V, VIO – 0.5V IF VIO BELOW 2.5V.
2. 0.8V IF VIO ABOVE 2.5V, 0.5V IF VIO BELOW 2.5V.
Figure 3. Voltage Levels for Timing


Numéro de pièce similaire - AD7949

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7949 AD-AD7949 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7949 AD-AD7949 Datasheet
548Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7949 AD-AD7949 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
More results

Description similaire - AD7949

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7694ARMZRL7 AD-AD7694ARMZRL7 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7694BRMZ AD-AD7694BRMZ Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR짰 ADC in MSOP
REV. A
AD7631BSTZ AD-AD7631BSTZ Datasheet
681Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. A
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
1Mb / 32P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. D
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7654ASTZ AD-AD7654ASTZ Datasheet
548Kb / 28P
   16-Bit, 500 kSPS PulSAR짰 Dual, 2-Channel, Simultaneous Sampling ADC
REV. B
AD7663 AD-AD7663 Datasheet
477Kb / 25P
   16-Bit, 250 kSPS CMOS ADC
AD7663ASTZRL AD-AD7663ASTZRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663ASTRL AD-AD7663ASTRL Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
AD7663 AD-AD7663_15 Datasheet
426Kb / 24P
   16-Bit, 250 kSPS CMOS ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com