Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDSP-B58X Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HDSP-B58X
Description  53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B58X Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B58X Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B58X Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B58X Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B58X Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B58X Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B58X Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B58X Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B58X Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Bi-Color (Cd/m2 at IFP = 40 mA, 1/8 Duty Factor)
Bin Name
Min.[2]
Max.[2]
E72
86
F86
104
G
104
124
H
124
149
I
149
179
Hue Grade
Bin
Coordinate
4
5
6
7
8
X
0.542-0.553
0.552-0.563
0.562-0.573
0.572-0.583
0.582-0.593
Y
0.445-0.456
0.435-0.446
0.425-0.436
0.415-0.426
0.405-0.416
Notes:
1. Bin categories are established for classification of products. Products may not be available in all bin categories.
2. Tolerance for each intensity bin limit is
± 10%.
Figure 3. Relative luminance vs. peak
forward current.
Figure 1. Maximum allowable average cur-
rent per dot vs. ambient temperature.
Figure 2. Forward current vs. forward voltage.
0
0
TA – AMBIENT TEMPERATURE – °C
20
80
100
35
15
60
40
GaP RED
5
10
20
25
30
GaP GREEN
1.0
0
VF – FORWARD VOLTAGE – V
50
40
30
1.8
3.0
10
1.4
2.2
20
GaP Red
GaP GREEN
2.6
0
0
IPEAK – PEAK FORWARD CURRENT – mA
3.0
2.5
1.5
0.5
40
100
2.0
1.0
20
60
80


Numéro de pièce similaire - HDSP-B58X

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
More results

Description similaire - HDSP-B58X

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
HDSP-B7XZ HP-HDSP-B7XZ Datasheet
93Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4 x 8 Dot Matrix Bi-Color Alphanumeric Displays
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B7XZ AVAGO-HDSP-B7XZ Datasheet
86Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com