Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-HM61-Y30ZZ Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-HM61-Y30ZZ Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED |
10 / 12 page 10 BOTTOM SIDE TOP SIDE NOTE: ALLOW FOR BOARDS TO BE CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN) 250 200 150 FLUXING TURBULENT WAVE PREHEAT TIME - SECONDS 100 50 30 0 10 20 30 40 50 60 70 80 90 100 LAMINAR WAVE HOT AIR KNIFE LEAD FREE SOLDER 96.5%Sn; 3.0%Ag; 0.5% Cu SUFFICIENTLY COOLED BEFORE EXERTING MECHANICAL FORCE. OF PC BOARD OF PC BOARD PREHEAT SETTING = 150 °C (100°C PCB) SOLDER WAVE TEMPERATURE = 245 °C ± 5°C AIR KNIFE AIR TEMPERATURE = 390 °C AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.) SOLDER: SN63; FLUX: RMA AIR KNIFE ANGLE = 40 |
Numéro de pièce similaire - HLMP-HM61-Y30ZZ |
|
Description similaire - HLMP-HM61-Y30ZZ |