Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6043A4RHB Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPA6043A4RHB
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6043A4RHB Fiches technique(HTML) 1 Page - Texas Instruments

  TPA6043A4RHB Datasheet HTML 1Page - Texas Instruments TPA6043A4RHB Datasheet HTML 2Page - Texas Instruments TPA6043A4RHB Datasheet HTML 3Page - Texas Instruments TPA6043A4RHB Datasheet HTML 4Page - Texas Instruments TPA6043A4RHB Datasheet HTML 5Page - Texas Instruments TPA6043A4RHB Datasheet HTML 6Page - Texas Instruments TPA6043A4RHB Datasheet HTML 7Page - Texas Instruments TPA6043A4RHB Datasheet HTML 8Page - Texas Instruments TPA6043A4RHB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
SIMPLIFIED APPLICATION CIRCUIT
CODEC
VDD
SPKR
SPKR_LIN–
BYPASS
SGND
HP_EN
SPKR_EN
SPKR_RIN–
SPKR_LIN+
HP_INR
HP_INL
HPVDD
CPVDD
VDD
REG_EN
REG_OUT
SPKR_RIN+
ROUT+
LOUT+
ROUT–
LOUT–
SPVDD
CPVSS
C1P
HPVSS
SPGND
CPGND
C1N
GAIN0
GAIN1
OUTL
OUTR
HPR
HPL
SPKL
TPA6043A4
Shutdown
Control
3V – 5.5V
4.5V – 5.5V
RegulatorEnable
3.3V(ToCODEC)
4.5V – 5.5V
Gain
Control
TPA6043A4
SLOS543 – AUGUST 2007
www.ti.com
2-W STEREO AUDIO POWER AMPLIFIER
WITH DirectPath™ STEREO HEADPHONE DRIVE AND REGULATOR
23
• Microsoft™ Windows Vista™ Compliant
Fully Differential Architecture and High PSRR
The TPA6043A4 is a stereo audio power amplifier
and DirectPath™ headphone amplifier in a thermally
Provide Excellent RF Rectification Immunity
enhanced, space-saving, 32-pin QFN package. The
2-W, 10% THD+N Into 4-
Ω Speakers and
speaker amplifier is capable of driving 2 W per
85-mW, 1% THD+N Into 16-
Ω Headphones
channel continuously into 4-
Ω loads at 5 V. The
From 5-V Supply
headphone amplifier achieves a minimum of 85 mW
DirectPath™ Headphone Amplifier Eliminates
at 1% THD+N from a 5-V supply. A built-in internal
Output Capacitors (1)
4-step gain control for the speaker amplifier and a
fixed –1.5 V/V gain for the headphone amplifier
Internal 4-Step Speaker Gain Control: 6, 10,
minimizes external components needed.
15.6, 21.6 dB and Fixed –1.5-V/V Headphone
Independent shutdown control and dedicated inputs
3.3-V Low Dropout Regulator for CODEC
for the speaker and headphone allow the TPA6043A4
Independent Shutdown Controls for Speaker,
to simultaneously drive both headphones and internal
Headphone Amplifier, and Low Dropout
speakers. Differential inputs to the speaker amplifiers
Regulator (LDO)
offer superior power-supply and common-mode noise
Output Short-Circuit and Thermal Protection
rejection.
Notebook Computers
Portable DVD
(1)
US Patent Number 5289137
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DirectPath, PowerPAD are trademarks of Texas Instruments.
3
Microsoft, Windows Vista are trademarks of Microsoft Corporation.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPA6043A4RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6043A4 TI-TPA6043A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
More results

Description similaire - TPA6043A4RHB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6047A4 TI1-TPA6047A4_16 Datasheet
1Mb / 27P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6041A4 TI-TPA6041A4 Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6040A4 TI-TPA6040A4 Datasheet
674Kb / 28P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath STEREO HEADPHONE DRIVE AND REGULATOR
TPA6045A4C TI-TPA6045A4C Datasheet
1Mb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPath??STEREO HEADPHONE DRIVE AND REGULATOR
TPA6047A4 TI-TPA6047A4 Datasheet
1Mb / 25P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DirectPatTM STEREO HEADPHONE DRIVE AND REGULATOR
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_17 Datasheet
2Mb / 84P
[Old version datasheet]   Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI-TLV320AIC3262_15 Datasheet
1Mb / 82P
[Old version datasheet]   TLV320AIC3262 Ultralow Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
TLV320AIC3262 TI1-TLV320AIC3262_14 Datasheet
960Kb / 65P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With miniDSP, DirectPath Headphone, and Stereo Class-D Speaker Amplifier
logo
National Semiconductor ...
LM4663 NSC-LM4663 Datasheet
606Kb / 10P
   2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com