Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABTH32316 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ABTH32316
Description  16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH32316 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74ABTH32316 Datasheet HTML 3Page - Texas Instruments SN74ABTH32316 Datasheet HTML 4Page - Texas Instruments SN74ABTH32316 Datasheet HTML 5Page - Texas Instruments SN74ABTH32316 Datasheet HTML 6Page - Texas Instruments SN74ABTH32316 Datasheet HTML 7Page - Texas Instruments SN74ABTH32316 Datasheet HTML 8Page - Texas Instruments SN74ABTH32316 Datasheet HTML 9Page - Texas Instruments SN74ABTH32316 Datasheet HTML 10Page - Texas Instruments SN74ABTH32316 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SN54ABTH32316, SN74ABTH32316
16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SCBS179E – JUNE 1992 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ABTH32316
SN74ABTH32316
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
A B or C
CBor A
0.8
6.5
1.4
6.1
ns
tPHL
A, B, or C
C, B, or A
0.5
6.8
1.1
6.6
ns
tPLH
SEL
ABor C
0.8
6.7
1.4
6.5
ns
tPHL
SEL
A, B, or C
0.8
6.8
1.8
6.5
ns
tPLH
LE
ABor C
1.5
8
2.6
7.5
ns
tPHL
LE
A, B, or C
1.5
7.4
2.6
6.9
ns
tPLH
CLK
ABor C
1.5
8
2.5
7.5
ns
tPHL
CLK
A, B, or C
1.5
7.2
2.5
6.7
ns
tPZH
OE
ABor C
0.8
6.7
1.5
6.4
ns
tPZL
OE
A, B, or C
1.5
7.1
2.4
6.8
ns
tPHZ
OE
ABor C
0.8
7.2
1.5
6
ns
tPLZ
OE
A, B, or C
0.8
6.4
1.9
6.1
ns


Numéro de pièce similaire - SN74ABTH32316

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABTH32316 TI-SN74ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32316 TI1-SN74ABTH32316 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32316HT TI-SN74ABTH32316HT Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN74ABTH32316PN TI1-SN74ABTH32316PN Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
More results

Description similaire - SN74ABTH32316

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT32316 TI1-SN74ABT32316 Datasheet
193Kb / 11P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI-SN54ABTH32316 Datasheet
135Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABT32318 TI1-SN54ABT32318 Datasheet
157Kb / 9P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32316 TI1-SN54ABTH32316_16 Datasheet
202Kb / 13P
[Old version datasheet]   16-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318 Datasheet
133Kb / 9P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
SN54ABTH32318 TI-SN54ABTH32318_06 Datasheet
189Kb / 11P
[Old version datasheet]   18-BIT TRI-PORT UNIVERSAL BUS EXCHANGERS
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com