Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33066DW Fiches technique(PDF) 4 Page - Motorola, Inc

No de pièce MC33066DW
Description  High Performance Resonant Mode Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33066DW Fiches technique(HTML) 4 Page - Motorola, Inc

  MC33066DW Datasheet HTML 1Page - Motorola, Inc MC33066DW Datasheet HTML 2Page - Motorola, Inc MC33066DW Datasheet HTML 3Page - Motorola, Inc MC33066DW Datasheet HTML 4Page - Motorola, Inc MC33066DW Datasheet HTML 5Page - Motorola, Inc MC33066DW Datasheet HTML 6Page - Motorola, Inc MC33066DW Datasheet HTML 7Page - Motorola, Inc MC33066DW Datasheet HTML 8Page - Motorola, Inc MC33066DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC34066 MC33066
4
MOTOROLA ANALOG IC DEVICE DATA
VCC
15
9
Enable/
UVLO Adjust
Osc Deadtime
1
RDT
ROSC
COSC
Osc RC
2
One–Shot RC
16
CT
RT Osc Control
Current
3
IOSC
RVFO
Error Amp
Output
Error Amp
Inverting Input
6
7
Error Amp
Noninverting Input 8
CSoft–Start
11
7k
50k
7k
50k
Reference
Regulator
5.1V
Vref UVLO
8V
VCC UVLO
UVLO
VCC
4.2V/4V
Q1
Q2
Drivers
5.1V
Oscillator
Steering
Flip–Flop
IOSC
4.9V/3.6V
ton
T
Q
Q
R
One–Shot
4.9V/3.6V
UVLO + Fault
Fault
Comparator
Q
R
S
Current Mirror
Error Amp
Output Clamp
Fault
Fault
Latch
1.0V
2.5V
EA Clamp
Soft–Start
Buffer
9
µA
Error
Amplifier
Vref
5
Gnd
4
14
12
13
10
Drive
Output B
Drive
Gnd
Fault
Input
+
+
+
+
+
+
+
Drive
Output A
Figure 1. MC34066 Representative Block Diagram
OPERATING DESCRIPTION
Introduction
As power supply designers have strived to increase power
conversion efficiency and reduce passive component size,
high frequency resonant mode power converters have
emerged as attractive alternatives to conventional
square–wave control. When compared to square–wave
converters, resonant mode control offers several benefits
including lower switching losses, higher efficiency, lower EMI
emission, and smaller size. This integrated circuit has been
developed to support new trends in power supply design.
The MC34066 Resonant Mode Controller is a high
performance bipolar IC dedicated to variable frequency
power control at frequencies exceeding 1.0 MHz. This
integrated circuit provides the features, performance and
flexibility for a wide variety of resonant mode power supply
applications.
The primary purpose of the control chip is to supply
precise pulses to the gates of external power MOSFETs at a
repetition rate regulated by a feedback control loop. The
MC34066 can be operated in any of three modes as follows:
1) fixed on–time, variable frequency; 2) fixed off–time,
variable frequency; and 3) combinations of 1 and 2 that
change from fixed on–time to fixed off–time as the frequency
increases. Additional features of the IC ensure that system
startup and fault conditions are administered in a safe,
controlled manner.
A simplified block diagram of the IC is shown on the first
page of this data sheet, which identifies the main functional
blocks and the block–to–block interconnects. Figure 1 is a
detailed functional diagram which accurately represents the
internal circuitry. The various functions can be divided into
two sections. The first section includes the primary control
path which produces precise output pulses at the desired
frequency Oscillator, a One–Shot, a pulse Steering Flip–Flop,
a pair of power MOSFET Drivers, and a wide bandwidth Error
Amplifier. The second section provides several peripheral
support functions including a voltage reference, undervoltage
lockout, Soft–Start circuit, and a fault detector.
Primary Control Path
The output pulse width and repetition rate are regulated
through the interaction of the variable frequency Oscillator,
One–Shot timer and Error Amplifier. The Oscillator triggers
the One–Shot which generates a pulse that is alternately
steered to a pair of totem–pole output drivers by a toggle
Flip–Flop. The Error Amplifier monitors the output of the
regulator and modulates the frequency of the Oscillator.
High–speed Schottky logic is used throughout the primary
control channel to minimize delays and enhance high
frequency characteristics.


Numéro de pièce similaire - MC33066DW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33066DW ONSEMI-MC33066DW Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
More results

Description similaire - MC33066DW

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com