Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33066 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC33066
Description  High Performance Resonant Mode Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33066 Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC33066 Datasheet HTML 2Page - Motorola, Inc MC33066 Datasheet HTML 3Page - Motorola, Inc MC33066 Datasheet HTML 4Page - Motorola, Inc MC33066 Datasheet HTML 5Page - Motorola, Inc MC33066 Datasheet HTML 6Page - Motorola, Inc MC33066 Datasheet HTML 7Page - Motorola, Inc MC33066 Datasheet HTML 8Page - Motorola, Inc MC33066 Datasheet HTML 9Page - Motorola, Inc MC33066 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC34066 MC33066
6
MOTOROLA ANALOG IC DEVICE DATA
RDT = 0
RDT = 1.0 k
Figure 3. Timing Waveforms
tdchg > tOne–Shot
tdchg < tOne–Shot
5.1 V
COSC
3.6 V
5.1 V
CT
3.6 V
ton
AOUT
BOUT
tdchg
tdchg
tOS
ton
ton
toff
tdchg > tOne–Shot
tdchg < tOne–Shot
tchg
tdchg
tchg tdchg
tOS
ton
ton
toff
5.1 V
4.9 V
COSC
3.6 V
5.1 V
CT
3.6 V
ton
AOUT
BOUT


Numéro de pièce similaire - MC33066

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33066DW ONSEMI-MC33066DW Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
MC33066P ONSEMI-MC33066P Datasheet
304Kb / 11P
   High Performance High Performance
July, 2006 ??Rev. 3
More results

Description similaire - MC33066

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34067 ONSEMI-MC34067_05 Datasheet
535Kb / 16P
   High Performance Resonant Mode Controllers
October, 2005 ??Rev. 11
MC34067 ONSEMI-MC34067_09 Datasheet
634Kb / 16P
   High Performance Resonant Mode Controllers
December, 2009 ??Rev. 13
MC33067 ONSEMI-MC33067_15 Datasheet
540Kb / 16P
   High Performance Resonant Mode Controllers
August, 2015 ??Rev. 15
MC34067 ONSEMI-MC34067 Datasheet
374Kb / 16P
   HIGH PERFORMANCE ZERO VOLTAGE SWITCH RESONANT MODE CONTROLLERS
Rev 1, 05/99
logo
Infineon Technologies A...
ICE2HS01G INFINEON-ICE2HS01G Datasheet
606Kb / 29P
   High Performance Resonant Mode Controller
Version 2.0, 11 May 2010
logo
ON Semiconductor
NCP1397ADR2G ONSEMI-NCP1397ADR2G Datasheet
749Kb / 27P
   High Performance Resonant Mode Controller
November, 2011 ??Rev. 4
NCP1395 ONSEMI-NCP1395 Datasheet
335Kb / 27P
   High Performance Resonant Mode Controller
March, 2006 ??Rev. 1
logo
List of Unclassifed Man...
UC1861-1868 ETC1-UC1861-1868 Datasheet
422Kb / 9P
   Resonant-Mode Power Supply Controllers
logo
Texas Instruments
UC1861 TI-UC1861 Datasheet
438Kb / 9P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
UC1861 TI1-UC1861_13 Datasheet
3Mb / 14P
[Old version datasheet]   Resonant-Mode Power Supply Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com