Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A30QS Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce A30QS
Description  SEMICONDUCTOR PROTECTION FUSES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

A30QS Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  A30QS Datasheet HTML 1Page - List of Unclassifed Manufacturers A30QS Datasheet HTML 2Page - List of Unclassifed Manufacturers A30QS Datasheet HTML 3Page - List of Unclassifed Manufacturers A30QS Datasheet HTML 4Page - List of Unclassifed Manufacturers A30QS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D 8
AMP-TRAP®–Form 101
A30QS
SEMICONDUCTOR PROTECTION FUSES
Standard Fuse Ampere Ratings, Catalog Numbers
For ampere ratings and styles not listed, call Technical Services.
Dimensions
OUTLINE
MOUNTING
FIG.
DIMENSIONS - INCHES (mm)
TAP
REF.
TYPE
A
B
C
D
E
F
G
H
A30QS1 to 30
1
2.00
0.56
-
-
-
-
-
-
-
(51)
(14)
-
-
-
-
-
-
-
A30QS35 to 60
4
2
3.19
.081
1.63
2.50
2.25
0.34
.72
0.13
-
(81)
(21)
(41)
(64)
(58)
(9)
(18)
(3)
-
A30QS70 to 200
4
3
3.13
1.22
1.63
2.44
2.31
0.31
1.00
0.19
-
(80)
(31)
(41)
(62)
(59)
(8)
(3)
(5)
-
A30QS225 70 700
4, 4IL*
3,4*
3.84
1.50
1.59
2.91
2.28
0.41
1.00
0.25
-
(98)
(38)
(40)
(74)
(58)
(10)
(25)
(6)
-
A30QS700 to 1200
128
5
2.59
3.00
2.34
2.50
1.50
-
-
-
3/8-24-1/2 Deep (2)
(66)
(76)
(59)
(64)
(38)
-
-
-
-
A30QS1500 to 2500
128, 128IL*
6, 7*
2.59
3.50
2.34
3.00
1.50
1.50
-
-
3/8-24-1/2 Deep (4)
(66)
(89)
(59)
(76)
(38)
(38)
-
-
-
A30QS3000 to 4500
128, 128IL*
6, 7*
2.59
4.50
2.34
3.75
1.50
1.50
-
-
1/2-20-1/2 Deep (4)
(66)
(114)
(59)
(95)
(38)
(38)
-
-
-
* Optional (IL) Actuator
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
AMPERE
CATALOG
OUTLINE AMPERE
CATALOG
OUTLINE
AMPERE
CATALOG
OUTLINE
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
RATING
NUMBER
FIG.
1
2
3
4
5
6
7
8
10
12
15
20
25
30
35
40
50
60
70
80
90
100
A30QS1-1
A30QS2-1
A30QS3-1
A30QS4-1
A30QS5-1
A30QS6-1
A30QS7-1
A30QS8-1
A30QS10-1
A30QS12-1
A30QS15-1
A30QS20-1
A30QS25-1
A30QS30-1
A30QS35-1
A30QS40-4
A30QS50-4
A30QS60-4
A30QS70-4
A30QS80-4
A30QS90-4
A30QS100-4
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
2
2
2
3
3
3
3
100
125
130
150
150
175
200
200
225
250
250
300
300
350
400
400
400
450
500
550
600
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
4
3
3
3
3
3
600
600
700
700
800
800
800
1000
1000
1200
1500
1500
1600
2000
2000
2500
2500
3000
3500
3500
4000
4500
3
4
4
5
3
4
5
5
5
5
7
7
6
6
7
6
7
6
6
7
6
6
A30QS600-4TI
A30QS600-4IL
A30QS700-4
A30QS700-128
A30QS800-4
A30QS800-4IL
A30QS800-128
A30QS1000-128
A30QS1000-128IL
A30QS1200-128
A30QS1500-128
A30QS1500-128IL
A30QS1600-128
A30QS2000-128
A30QS2000-128IL
A30QS2500-128
A30QS2500-128IL
A30QS3000-128
A30QS3500-128
A30QS3500-128IL
A30QS4000-128
A30QS4500-128
A30QS100-4TI
A30QS125-4
A30QS130-4
A30QS150-4
A30QS150-4TI
A30QS175-4
A30QS200-4
A30QS200-4TI
A30QS225-4
A30QS250-4
A30QS250-4TI
A30QS300-4
A30QS300-4TI
A30QS350-4
A30QS400-4
A30QS400-4IL
A30QS400-4TI
A30QS450-4
A30QS500-4
A30QS550-4
A30QS600-4
Figure 1


Numéro de pièce similaire - A30QS

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
A30 DBLECTRO-A30 Datasheet
269Kb / 1P
   SCA CONNECTOR IDC TYPE(MALE)
logo
XP Power Limited
A30 XPPOWER-A30 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Mean Well Enterprises C...
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A300-300 MEANWELL-A300-300 Datasheet
94Kb / 2P
   300W Modified Sine Wave DC-AC Power Inverter
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
More results

Description similaire - A30QS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com