Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A120X Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce A120X
Description  SEMICONDUCTOR PROTECTION FUSES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

A120X Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  A120X Datasheet HTML 1Page - List of Unclassifed Manufacturers A120X Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
D 45
AMP-TRAP®–Form 101
A120X
SEMICONDUCTOR PROTECTION FUSES
Time in Seconds
Available Current in RMS Symmetrical Amperes
Peak Let-Thru Current Data – A120X2 to 30, 1200 Volts AC
A120X1/2 to 30
I
2t Data – 1200 Volts AC, 100kA
FUSE
I
2t DATA
AMPERE
MELTING
CLEARING
RATING
(A
2s)
(A
2s)
1/2
.10
1.9
1
.40
7.5
2
4.3
30
3
8.9
69
4
10
120
5
18
190
6
29
280
10
500
970
15
1100
2100
20
2000
3700
25
3100
5700
30
4400
8300


Numéro de pièce similaire - A120X

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Barry
A1200-40-3X BARRY-A1200-40-3X Datasheet
134Kb / 1P
   BeO 12 dB FLANGED ATTENUATOR
Rev. A
logo
MicroPower Direct, LLC
A1200RU MPD-A1200RU Datasheet
239Kb / 2P
   A1200RU SERIES
logo
Allegro MicroSystems
A1201 ALLEGRO-A1201 Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201 ALLEGRO-A1201 Datasheet
339Kb / 13P
   Continuous-Time Bipolar Switch Family
A1201ELHLT-T ALLEGRO-A1201ELHLT-T Datasheet
455Kb / 13P
   Continuous-Time Bipolar Switch Family
More results

Description similaire - A120X

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A30QS ETC2-A30QS Datasheet
1Mb / 5P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com