Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSLW1401R Fiches technique(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

No de pièce TSLW1401R
Description  EXTENDED TEMPERATURE 128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Site Internet  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSLW1401R Fiches technique(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSLW1401R Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSLW1401R Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TSLW1401R
EXTENDED TEMPERATURE
128 × 1 LINEAR SENSOR ARRAY WITH HOLD
TAOS044E − NOVEMBER 2004
8
r
r
Copyright
E 2004, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
MECHANICAL INFORMATION
The integrated circuit is mounted in a window frame package with a clear, flat glass cover.
0.060 [1.524]
7
0.090 [2.286]
0.075 [1.905]
0.115 [2.921]
0.025 [0.635]
NOTE B
Pin 1
0.020 [0.508]
0.010 [0.254]
(CHAMFER REF.)
C
L
0.135 [3.429]
0.100 [2.540]
REF.
(TYP. 3 PLCS.)
L
C
A
0.600 [15.240]
0.536 [13.614]
0.375 [9.512]
A
SECTION ’A−A’
1
2
3
4
8
7
5
6
5
Pin 1 SI
Pin 2 CLK
Pin 3 AO
Pin 4 VDD
Pin 5 GND
Pin 6 GND
Pin 7 GND
Pin 8 GND
0.040 [1.016]
0.020 +0.004 /−0.008
[0.508 +0.1/−0.2]
0.135
+ 0.008
[3.425
+ 0.2]
NOTES: A. All linear dimensions are in inches and parenthetically in [millimeters] (
± 0.1 mm unless otherwise noted).
B. Pixel 1 typical location aligns on leading edge of pin 1 and 0.71 mm above package centerline.
C. Glass thickness nominally 1 mm with refraction index of 1.5186.
Figure 9. Packaging Configuration


Numéro de pièce similaire - TSLW1401R

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSLW1401R ETC1-TSLW1401R Datasheet
122Kb / 10P
   EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD
More results

Description similaire - TSLW1401R

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CS-LF TAOS-TSL1401CS-LF Datasheet
258Kb / 18P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSLW1401R ETC1-TSLW1401R Datasheet
122Kb / 10P
   EXTENDED TEMPERATURE 128 x 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401R-LF TAOS-TSL1401R-LF Datasheet
199Kb / 12P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401R ETC-TSL1401R Datasheet
117Kb / 10P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
logo
Texas Instruments
TSL401 TI-TSL401 Datasheet
105Kb / 7P
[Old version datasheet]   128 횞 1 LINEAR SENSOR ARRAY
logo
TEXAS ADVANCED OPTOELEC...
TSL1412S TAOS-TSL1412S Datasheet
206Kb / 12P
   1536 횞 1 LINEAR SENSOR ARRAY WITH HOLD
TSL1410R TAOS-TSL1410R Datasheet
205Kb / 12P
   1280 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com