Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL432BSF Fiches technique(PDF) 2 Page - AUK corp

No de pièce SL432BSF
Description  Programmable Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

SL432BSF Fiches technique(HTML) 2 Page - AUK corp

  SL432BSF Datasheet HTML 1Page - AUK corp SL432BSF Datasheet HTML 2Page - AUK corp SL432BSF Datasheet HTML 3Page - AUK corp SL432BSF Datasheet HTML 4Page - AUK corp SL432BSF Datasheet HTML 5Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-I5C003-002
2
SL432xSF
Absolute maximum ratings
[Ta=25℃]
Characteristic
Symbol
Rating
Unit
Cathode to Anode voltage
VKA
18
V
Cathode current
IK
30
mA
Reference input current
Iref
3
mA
Power Dissipation
PD
*
350
mW
Junction Temperature
TJ
150
Operating temperature range
Topr
-40 ~ +85
Storage temperature range
Tstg
-55 ~ +150
* With PCB(8
×8mm copper area) at glass epoxy board(t=1.7mm, area : 20×20mm)
Recommended operating conditions
Rating
Characteristic
Symbol
Min.
Max.
Unit
Cathode to Anode voltage
VKA
Vref
16
V
Cathode current
IK
0.1
25
mA
Electrical Characteristics (Ta=25 , unless otherwise noted.)
Characteristic
Symbol
Condition
Min. Typ. Max.
Unit
SL432BSF
1.234
1.246
SL432ASF
1.228
1.252
Reference voltage (Fig.1)
Vref
VKA=Vref, IK=10mA
SL432SF
1.215
1.240
1.265
V
Reference input voltage
deviation over temperature
(Fig.1, Note1,2)
∆Vref
VKA=Vref, IK=10mA
@ -40˚C ≤ Ta ≤ 85˚C
-
10
20
mV
∆Vref
Vref=Vref (16V)-Vref
Ratio of delta reference input
voltage to delta cathode
voltage (Fig.2)
∆VKA
IK=10mA
Vref ≤ VKA ≤ 16V
VKA=VKA(16V)-Vref
-
-1.0
-2.7
mV/V
Reference current (Fig.2)
Iref
IK=10mA
R1=10K
Ω, R2=∞
-
1.0
1.5
µΑ
Reference input current
deviation over temperature
(Fig.2, Note 1,2)
∆Iref
IK=10mA
R1=10K
Ω, R2=∞
@ -40˚C ≤ Ta ≤ 85˚C
-
0.04
0.08
µΑ
Minimum cathode current
for regulation
IK(MIN)
VKA=Vref
-
80
100
µΑ
Off-state cathode current
(Fig.3)
IK(off)
VKA=16V, Vref=0V
-
5
50
nA
Dynamic impedance
(Fig.1, Note3)
ZKA
VKA=Vref, f ≤ 1.0KHz
0.1mA ≤ IK ≤ 25mA
-
0.25
0.4


Numéro de pièce similaire - SL432BSF

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SL432B AUK-SL432B Datasheet
359Kb / 5P
   Programmable Voltage Reference
More results

Description similaire - SL432BSF

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com