Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK38X60LM Fiches technique(PDF) 3 Page - AUK corp

No de pièce STK38X60LM
Description  Advanced Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

STK38X60LM Fiches technique(HTML) 3 Page - AUK corp

  STK38X60LM Datasheet HTML 1Page - AUK corp STK38X60LM Datasheet HTML 2Page - AUK corp STK38X60LM Datasheet HTML 3Page - AUK corp STK38X60LM Datasheet HTML 4Page - AUK corp STK38X60LM Datasheet HTML 5Page - AUK corp STK38X60LM Datasheet HTML 6Page - AUK corp STK38X60LM Datasheet HTML 7Page - AUK corp STK38X60LM Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KSD-T0H011-001
3
STK38X60LM
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250μA, VGS=0
600
-
-
V
Gate-threshold voltage
VGS(th)
ID=250μA, VDS= VGS
3.0
-
5.0
V
Drain-source leakage current
IDSS
VDS=600V, VGS=0V
-
-
1
μA
Gate-source leakage
IGSS
VDS=0V, VGS=±30V
-
-
±100
nA
Drain-Source on-resistance
RDS(ON)
VGS=10V, ID=0.19A
-
9.3
11.5
Ω
Forward transfer admittance
gfs
VDS=10V, ID=0.19A
-
0.95
-
S
Input capacitance
Ciss
-
150
225
Output capacitance
Coss
-
20
30
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V, f=1MHz
-
4.3
6.4
pF
Turn-on delay time
td(on)
-
22.5
-
Rise time
tr
-
27
-
Turn-off delay time
td(off)
-
11.5
-
Fall time
tf
VDD=300V, VGS=10V
ID=0.38A, RG=25Ω
-
27
-
ns
Total gate charge
Qg
-
4.5
6.7
Gate-source charge
Qgs
-
0.9
1.3
Gate-drain charge
Qgd
VDD=300V, VGS=10V
ID=0.38A
-
1.3
1.9
nC
Source-Drain Diode Ratings and Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Continuous source current
IS
-
-
0.4
Source current (Pulsed)
ISM
Integral reverse diode
in the MOSFET
-
-
1.6
A
Forward voltage
VSD
VGS=0V, IS=0.19A
-
-
1.4
V
Reverse recovery time
trr
-
160
-
ns
Reverse recovery charge
Qrr
Is=0.38A, VGS=0V
dis/dt=100A/us
-
0.59
-
uC
Note ;
① Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
② L=20mH, I
AS=0.38A, VDD=50V, RG=25Ω
③ Pulse Test : Pulse Width< 300us, Duty cycle≤ 2%
④ Essentially independent of operating temperature


Numéro de pièce similaire - STK38X60LM

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STK38N3LLH5 STMICROELECTRONICS-STK38N3LLH5 Datasheet
323Kb / 13P
   N-channel 30 V, 0.0014廓, 38 A, PolarPAK짰 STripFET?줧 Power MOSFET
More results

Description similaire - STK38X60LM

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com