Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7660MF Fiches technique(PDF) 7 Page - ADDtek Corp

No de pièce AMC7660MF
Description  DC - DC CONVERTER CONTROL CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7660MF Fiches technique(HTML) 7 Page - ADDtek Corp

Back Button AMC7660MF Datasheet HTML 3Page - ADDtek Corp AMC7660MF Datasheet HTML 4Page - ADDtek Corp AMC7660MF Datasheet HTML 5Page - ADDtek Corp AMC7660MF Datasheet HTML 6Page - ADDtek Corp AMC7660MF Datasheet HTML 7Page - ADDtek Corp AMC7660MF Datasheet HTML 8Page - ADDtek Corp AMC7660MF Datasheet HTML 9Page - ADDtek Corp AMC7660MF Datasheet HTML 10Page - ADDtek Corp AMC7660MF Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AMC7660
Copyright
© 2006 ADDtek Corp.
7
DD057_C
--
JUNE 2006
Figure 1 – Step-Up Converter Application Circuits
170uH
V
IN
12V
330uF
D1
100uF
47K
2.2K
180
0.22
C
T
Oscillator
I sense
OC1
OC2
100
2
5
1.25V
8
Q1
Q2
1
3
6
4
7
R
Q
S
28V/175mA
V
OUT
1.5nF
Figure 2 – Step-Down Converter Application Circuit
S
Q
R
7
4
6
3
1
Q2
Q1
8
1.25V
5
2
100
OC2
OC1
I sense
Oscillator
C
T
100uF
0.33
25V
470pF
3.6K
1.2K
470uF
V
IN
220uH
D1
5V/500mA
V
OUT
Rsc
R1
R2
Co
Rsc
R1
R2
Co


Numéro de pièce similaire - AMC7660MF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AMC7628 ETC1-AMC7628 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
AMC7628-3.3 ETC1-AMC7628-3.3 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
AMC7628-5.0 ETC1-AMC7628-5.0 Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
AMC7628-X.XLP ETC1-AMC7628-X.XLP Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
AMC7628-X.XSK ETC1-AMC7628-X.XSK Datasheet
254Kb / 10P
   300mA Low DropOut Regulator
More results

Description similaire - AMC7660MF

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
   DC-DC CONVERTER CONTROL CIRCUIT
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
126Kb / 9P
   DC/DC CONVERTER CONTROL CIRCUIT
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
   DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
   DC-to-DC Converter Control Circuit
logo
Advanced Monolithic Sys...
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
   DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
   DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
   DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com