Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC2576-ADJDDF Fiches technique(PDF) 8 Page - ADDtek Corp

No de pièce AMC2576-ADJDDF
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-ADJDDF Fiches technique(HTML) 8 Page - ADDtek Corp

Back Button AMC2576-ADJDDF Datasheet HTML 4Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 5Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 6Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 7Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 8Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 9Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 10Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 11Page - ADDtek Corp AMC2576-ADJDDF Datasheet HTML 12Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AMC2576
Copyright
© 2006 ADDtek Corp.
8
DD007_E
--
DECEMBER 2006
APPLICATION INFORMATION
Input Capacitors (CIN)
It is required that VIN must be bypassed with at least a 100µF electrolytic capacitor for stability. Also, it is strongly
recommended the capacitor’s leads must be dept short, and located near the regulator as possible.
For low operating temperature range, for example, below -25°C, the input capacitor value may need to be larger. This
is due to the reason that the capacitance value of electrolytic capacitors decreases and the ESR increases with lower
temperatures and age. Paralleling a ceramic or solid tantalum capacitor will increase the regulator stability at cold
temperatures.
Output Capacitors (COUT)
An output capacitor is also required to filter the output voltage and is needed for loop stability. The capacitor should
be located near the AMC2576 using short PC board traces. Low ESR types capacitors are recommended for low
output ripple voltage and good stability. Generally, low value or low voltage (less than 12V) electrolytic capacitors
usually have higher ESR numbers. For example, the lower capacitor values (220µF–1000µF) will yield typically 50
mV to 150 mV of output ripple voltage, while larger-value capacitors will reduce the ripple to approximately 20 mV
to 50 mV.
The amount of output ripple voltage is primarily a function of the ESR (Equivalent Series Resistance) of the output
capacitor and the amplitude of the inductor ripple current (
∆I
IND).
Output Ripple Voltage = (
∆I
IND) ×
(ESR of COUT)
Some capacitors called “high-frequency,” “low-inductance,” or “low-ESR.” are recommended to use to further reduce
the output ripple voltage to 10 mV or 20 mV. However, very low ESR capacitors, such as Tantalum capacitors, should
be carefully evaluated.
Catch Diode
This diode is required to provide a return path for the inductor current when the switch is off. It should be located
close to the AMC2576 using short leads and short printed circuit traces as possible.
To satisfy the need of fast switching speed and low forward voltage drop, Schottky diodes are widely used to provide
the best efficiency, especially in low output voltage switching regulators (less than 5V).
Besides, fast-Recovery,
high-efficiency, or ultra-fast recovery diodes are also suitable. But some types with an abrupt turn-off characteristic
may cause instability and EMI problems. A fast-recovery diode with soft recovery characteristics is a better choice.


Numéro de pièce similaire - AMC2576-ADJDDF

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
AMC2512 OHMITE-AMC2512 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Description similaire - AMC2576-ADJDDF

FabricantNo de pièceFiches techniqueDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com