Moteur de recherche de fiches techniques de composants électroniques |
|
AMC2344DMF Fiches technique(PDF) 2 Page - ADDtek Corp |
|
AMC2344DMF Fiches technique(HTML) 2 Page - ADDtek Corp |
2 / 11 page AMC2244/AMC2344/AMC2444 Copyright © 2006 2006 ADDtek Corp. 2 DD006_E -- JUNE 2006 SIMPLIFIED SCHEMATIC (PER AMPLIFIER) ABSOLUTE MAXIMUM RATINGS (Note 1) Supply Voltage, VS ± 18V or 36V Input Voltage, VIN ± VS Differential Input Voltage, d VIN ± 10V Operating Junction Temperature Range, TJ (max) 150°C Storage Temperature Range -65 OC to 150OC Lead Temperature (soldiering, 10 seconds) 260°C Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground. Currents are positive into, negative out of the specified terminal. THERMAL DATA M PACKAGE: Thermal Resistance-Junction to Ambient, θ JA 95°C /W DM PACKAGE: Thermal Resistance-Junction to Tab, θ JT 125°C /W N PACKAGE: Thermal Resistance-Junction to Ambient, θ JA 70°C /W D PACKAGE: Thermal Resistance-Junction to Tab, θ JT 110°C /W Junction Temperature Calculation: TJ = TA+ (PD × θ JA). The θ JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the above assume no ambient airflow. V- V+ IN+ OUT IN- |
Numéro de pièce similaire - AMC2344DMF |
|
Description similaire - AMC2344DMF |