Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC2576-X.XP Fiches technique(PDF) 1 Page - ADDtek Corp

No de pièce AMC2576-X.XP
Description  3A STEP DOWN VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADDTEK [ADDtek Corp]
Site Internet  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC2576-X.XP Fiches technique(HTML) 1 Page - ADDtek Corp

  AMC2576-X.XP Datasheet HTML 1Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 2Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 3Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 4Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 5Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 6Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 7Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 8Page - ADDtek Corp AMC2576-X.XP Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.addmtek.com
Copyright
© 2006 ADDtek Corp.
1
DD007_E
--
DECEMBER 2006
AMC2576
3A STEP DOWN VOLTAGE REGULATOR
DESCRIPTION
FEATURES
The AMC2576 series is a step-down switching regulator with
all the required active functions. It is capable of driving 3A load
with excellent line and load regulations. These devices are
available in fixed output voltages of 3.3V, 5V, and an adjustable
output version.
The AMC2576 series offers a high-efficiency replacement for
popular three-terminal linear regulators. It requires only a
minimum number of external components. Substantially, it reduces
not only the area of board size but also the size of the heat sink. In
some cases, no heat sink is required.
The ± 4% tolerance on output voltage within specified input
voltages and output load conditions is guaranteed. The oscillator
frequency accuracy is within ±10%. External shutdown is included,
featuring 70
µA(typical) standby current. The output switch
includes cycle-by-cycle current limitation, as well as thermal
shutdown for full protection under fault conditions.
Guaranteed 3A output current
3.3V, 5V and adjustable output versions
Wide input voltage range, up to 40V
Internal oscillator of 52 KHz fixed
frequency
Wide adjustable version output voltage
range, from 1.23V to 37V ±4% max over
line and load conditions
Low standby current, typ. 70
µA, at
shutdown mode
Requires only 4 external components
Thermal shut down and current limit
protection
P+ Product enhancement tested
APPLICATIONS
PACKAGE PIN OUT
LCD Monitors
ADD-ON Cards Switching Regulators
High Efficiency Step-Down Regulators
Efficient Pre-regulator for Linear
Regulators
VOLTAGE OPTIONS
AMC2576-3.3
3.3V Fixed
AMC2576-5.0
5.0V Fixed
AMC2576-ADJ –
Adjustable Output
5-Pin Plastic TO-220
(Top View)
5. Enable
3. GND
2. VOUT
1. VIN
4. FB
5-Pin Plastic TO-263
Surface Mount
(Top View)
5. Enable
2. VOUT
1. VIN
4. FB
3. GND
5-Pin Plastic TO-220B
(Top View)
(Side View)
5. Enable
2. VOUT
1. VIN
4. FB
3. GND
SO-8
(Top View)
1
2
3
4
8
7
6
5
VOUT
GND
GND
GND
GND
FB
VIN
Enable
ORDER INFORMATION
Plastic
TO-220
Plastic
TO-220B
Plastic
TO-263
Plastic SO
Temperature
Range
P
5-pin
PB
5-pin
DD
5-pin
DM
8pin
AMC2576-ADJP
AMC2576-ADJPB
AMC2576-ADJDD
AMC2576-ADJDMF
AMC2576-ADJPF
AMC2576-ADJPBF
AMC2576-ADJDDF
AMC2576-X.XDMF
AMC2576-X.XP
AMC2576-X.XPB
AMC2576-X.XDD
-40°C
≤ T
J ≤ 125°C
AMC2576-X.XPF
AMC2576-X.XPBF
AMC2576-X.XDDF
Note:
1.All surface-mount packages are available in Tape & Reel.
Append the letter “T” to part number (i.e.AMC2576-X.XDMFT,
AMC2576-X.XDDT).
2.The letter “F” is marked for Lead Free process.


Numéro de pièce similaire - AMC2576-X.XP

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
AMC2512 OHMITE-AMC2512 Datasheet
550Kb / 3P
   Thick Film Automotive Grade Chips
logo
List of Unclassifed Man...
AMC2596 ETC1-AMC2596 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596 ADDTEK-AMC2596 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC2596-3.3 ETC1-AMC2596-3.3 Datasheet
540Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
logo
ADDtek Corp
AMC2596-3.3 ADDTEK-AMC2596-3.3 Datasheet
263Kb / 12P
   150 KHz, 3A STEP DOWN VOLTAGE REGULATOR
JUNE 2006
More results

Description similaire - AMC2576-X.XP

FabricantNo de pièceFiches techniqueDescription
logo
ARTSCHIP ELECTRONICS CO...
LM2596 ARTSCHIP-LM2596 Datasheet
741Kb / 29P
   3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
GM7230 ETC2-GM7230 Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM2576BM TGS-LM2576BM Datasheet
1Mb / 9P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2596S CHAMP-CM2596S_06 Datasheet
434Kb / 13P
   3A STEP DOWN VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM2596 ETC-CM2596 Datasheet
482Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230 Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Guangdong Youtai Semico...
LM2596 UMW-LM2596 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Champion Microelectroni...
CM2576 CHAMP-CM2576 Datasheet
313Kb / 12P
   3A STEP DOWN VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576 Datasheet
141Kb / 7P
   3A Step Down Switching Voltage Regulator
logo
Unisonic Technologies
P2576_1109 UTC-P2576_1109 Datasheet
293Kb / 8P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com